전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4157 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADF4157
상세설명  High Resolution 6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4157 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADF4157_15 Datasheet HTML 6Page - Analog Devices ADF4157_15 Datasheet HTML 7Page - Analog Devices ADF4157_15 Datasheet HTML 8Page - Analog Devices ADF4157_15 Datasheet HTML 9Page - Analog Devices ADF4157_15 Datasheet HTML 10Page - Analog Devices ADF4157_15 Datasheet HTML 11Page - Analog Devices ADF4157_15 Datasheet HTML 12Page - Analog Devices ADF4157_15 Datasheet HTML 13Page - Analog Devices ADF4157_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4157
Data Sheet
Rev. D | Page 10 of 24
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and the N counter
and produces an output proportional to the phase and fre-
quency difference between them. Figure 14 is a simplified
schematic of the phase frequency detector. The PFD includes
a fixed delay element that sets the width of the antibacklash
pulse, which is typically 3 ns. This pulse ensures that there is no
dead zone in the PFD transfer function and gives a consistent
reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 14. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4157 allows the user to access
various internal points on the chip. The state of MUXOUT is
controlled by M4, M3, M2, and M1 (see Figure 17). Figure 15
shows the MUXOUT section in block diagram form.
ANALOG LOCK DETECT
MUXOUT
DVDD
THREE-STATE OUTPUT
N DIVIDER OUTPUT
DVDD
DGND
DGND
R DIVIDER OUTPUT
DIGITAL LOCK DETECT
SERIAL DATA OUTPUT
CLK DIVIDER OUTPUT
R DIVIDER/2
N DIVIDER/2
CONTROL
MUX
FASTLOCK SWITCH
Figure 15. MUXOUT Schematic
INPUT SHIFT REGISTER
The ADF4157 digital section includes a 5-bit RF R counter, a
12-bit RF N counter, and a 25-bit FRAC counter. Data is clocked
into the 32-bit input shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
input shift register to one of five latches on the rising edge of
LE. The destination latch is determined by the state of the three
control bits (C3, C2, and C1) in the input shift register. These
are the three LSBs, DB2, DB1, and DB0, as shown in Figure 2.
The truth table for these bits is shown in Table 6. Figure 16
shows a summary of how the latches are programmed.
PROGRAM MODES
Table 6 and Figure 16 through Figure 21 show how to set up
the program modes in the ADF4157.
Several settings in the ADF4157 are double-buffered. These
include the LSB FRAC value, R counter value, reference doubler,
and current setting. This means that two events have to occur
before the part uses a new value of any of the double-buffered
settings. First, the new value is latched into the device by writing to
the appropriate register. Second, a new write must be performed
on Register 0, R0.
For example, updating the fractional value can involve a write
to the 13 LSB bits in R1 and the 12 MSB bits in R0. R1 should
be written to first, followed by the write to R0. The frequency
change begins after the write to R0. Double buffering ensures
that the bits written to in R1 do not take effect until after the
write to R0.
Table 6. C3, C2, and C1 Truth Table
Control Bits
C3
C2
C1
Register
0
0
0
Register 0 (R0)
0
0
1
Register 1 (R1)
0
1
0
Register 2 (R2)
0
1
1
Register 3 (R3)
1
0
0
Register 4 (R4)


유사한 부품 번호 - ADF4157_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4157BCPZ-RL1 AD-ADF4157BCPZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ-RL71 AD-ADF4157BCPZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ1 AD-ADF4157BCPZ1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL1 AD-ADF4157BRUZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL71 AD-ADF4157BRUZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
More results

유사한 설명 - ADF4157_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com