전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4360-2 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADF4360-2
상세설명  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADF4360-2_15 Datasheet HTML 4Page - Analog Devices ADF4360-2_15 Datasheet HTML 5Page - Analog Devices ADF4360-2_15 Datasheet HTML 6Page - Analog Devices ADF4360-2_15 Datasheet HTML 7Page - Analog Devices ADF4360-2_15 Datasheet HTML 8Page - Analog Devices ADF4360-2_15 Datasheet HTML 9Page - Analog Devices ADF4360-2_15 Datasheet HTML 10Page - Analog Devices ADF4360-2_15 Datasheet HTML 11Page - Analog Devices ADF4360-2_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-2
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–160
–170
–140
–130
–120
–110
–100
–90
–80
–70
–40
–50
–60
–30
–20
–10
0
1k
10M
1M
100k
10k
FREQUENCY OFFSET (Hz)
4
3
2
1
Figure 4. Open-Loop VCO Phase Noise
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
–145
–150
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
Figure 5. VCO Phase Noise, 2000 MHz, 200 kHz PFD, 10 kHz Loop Bandwidth
100
10M
1M
100k
10k
1k
FREQUENCY OFFSET (Hz)
–145
–150
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
Figure 6. VCO Phase Noise, 1000 MHz,
Divide-by-2 Enabled 200 kHz PFD, 10 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
2000MHz
1kHz
2kHz
–84.0dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 30Hz
VIDEO BANDWIDTH = 30Hz
SWEEP = 1.9SECONDS
AVERAGES = 10
Figure 7. Close-In Phase Noise at 2000 MHz (200 kHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–200kHz
–100kHz
2000MHz
100kHz
200kHz
–79.5dBc
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 3kHz
VIDEO BANDWIDTH = 3kHz
SWEEP = 140ms
AVERAGES = 100
Figure 8. Reference Spurs at 2000 MHz
(200 kHz Channel Spacing, 10 kHz Loop Bandwidth)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1MHz
–0.5MHz
2000MHz
0.5MHz
1MHz
–83.8dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 25kHz
RES. BANDWIDTH = 30kHz
VIDEO BANDWIDTH = 30kHz
SWEEP = 50ms
AVERAGES = 100
Figure 9. Reference Spurs at 2000 MHz
(1 MHz Channel Spacing, 25 kHz Loop Bandwidth)


유사한 부품 번호 - ADF4360-2_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-2 AD-ADF4360-2_12 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_16 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

유사한 설명 - ADF4360-2_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com