전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB110P10E3-0-UB-X 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTB110P10E3-0-UB-X
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10E3-0-UB-X 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTB110P10E3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C968E3
Issued Date : 2014.08.04
Revised Date :
Page No. : 4/8
MTB110P10E3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
10
20
30
40
50
0
2
4
6
8
10
-VDS, Drain-Source Voltage(V)
-10V
-9V
-8V
-7V
-6V
-5V
VGS=-3V
VGS=-2.5V
VGS=-4V
VGS=-3.5V
Brekdown Voltage vs Junction Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
100
-ID, Drain Current(A)
VGS=-3V
VGS=-4.5V
VGS=-10V
VGS=-2V
VGS=-2.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
0
4
8
12
16
20
-IDR, Reverse Drain Current(A)
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
-VGS, Gate-Source Voltage(V)
ID=-11A
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=-10V, ID=-11A
RDS(ON)@Tj=25°C : 80mΩ typ.


유사한 부품 번호 - MTB110P10E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB110P10F3 CYSTEKEC-MTB110P10F3 Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10F3-0-T7-S CYSTEKEC-MTB110P10F3-0-T7-S Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10J3 CYSTEKEC-MTB110P10J3 Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10J3-0-T3-G CYSTEKEC-MTB110P10J3-0-T3-G Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB110P10E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com