전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB110P10J3 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 MTB110P10J3
상세설명  P-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10J3 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  MTB110P10J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB110P10J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C968J3
Issued Date : 2014.08.07
Revised Date :
Page No. : 2/9
MTB110P10J3
CYStek Product Specification
Absolute Maximum Ratings (TC=25C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current @ TJ=175C, TC=25C, VGS=10V
(Note 1)
ID
-14
A
Continuous Drain Current @ TJ=175C,TC=100C, VGS=10V
(Note 1)
-10
Continuous Drain Current @TA=25C, VGS=10V
(Note 2)
IDSM
-3.3
Continuous Drain Current @TA=70C, VGS=10V
(Note 2)
-2.6
Pulsed Drain Current
(Note 3)
IDM
-56
Avalanche Current
(Note 3)
IAS
-35
Avalanche Energy @ L=0.1mH, ID=-35A, RG=25Ω
(Note 2)
EAS
61
mJ
Total Power Dissipation
TC=25C
(Note 1)
PD
50
W
TC=100C
(Note 1)
25
TA=25C
(Note 2)
PDSM
2.5
TA=70C
(Note 2)
1.6
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+175
C
Thermal Data
Parameter
Symbol
Typical
Maximum
Unit
Thermal Resistance, Junction-to-case
RθJC
2.7
3
C/W
Thermal Resistance, Junction-to-ambient, t≤10s (Note 2)
RθJA
15
18
Thermal Resistance, Junction-to-ambient, steady state
40
50
Note : 1
.The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design.
3
. Pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency and low duty
cycles to keep initial TJ=25°C.


유사한 부품 번호 - MTB110P10J3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB110P10E3 CYSTEKEC-MTB110P10E3 Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10E3-0-UB-X CYSTEKEC-MTB110P10E3-0-UB-X Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10F3 CYSTEKEC-MTB110P10F3 Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10F3-0-T7-S CYSTEKEC-MTB110P10F3-0-T7-S Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB110P10J3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTP4835L3 CYSTEKEC-MTP4835L3 Datasheet
342Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB60P06E3 CYSTEKEC-MTB60P06E3 Datasheet
268Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP9006E3 CYSTEKEC-MTP9006E3 Datasheet
257Kb / 6P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06FP CYSTEKEC-MTB25P06FP Datasheet
346Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB12P04J3 CYSTEKEC-MTB12P04J3 Datasheet
343Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTEF1P15L3 CYSTEKEC-MTEF1P15L3 Datasheet
290Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB90P06Q8 CYSTEKEC-MTB90P06Q8 Datasheet
344Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP4060J3 CYSTEKEC-MTP4060J3 Datasheet
326Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06J3 CYSTEKEC-MTB25P06J3 Datasheet
290Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB45P03Q8 CYSTEKEC-MTB45P03Q8 Datasheet
364Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com