전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP31CJ3 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 TIP31CJ3
상세설명  3A NPN Epitaxial Planar Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP31CJ3 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  TIP31CJ3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C609J3
Issued Date : 2014.06.06
Revised Date :
Page No. : 2/6
TIP31CJ3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
3
Collector Current (Pulse)
ICP
5 (Note 1)
A
Base Current
IB
1
A
Power Dissipation @ TA=25℃
PD
1.56
Power Dissipation @ TC=25℃
PD
15
W
Thermal Resistance, Junction to Ambient
RθJA
80
°C/W
Thermal Resistance, Junction to Case
RθJC
8.3
°C/W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-65~+150
°C
Note : 1. Single Pulse , Pw≦300μs, Duty≦2%.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
*BVCEO(SUS)
100
-
-
V
IC=30mA, IB=0
ICBO
-
-
100
nA
VCB=200V, IC=0
ICEO
-
-
1
μA
VCE=100V, IB=0
ICES
-
-
1
μA
VCE=100V, VBE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
0.5
V
IC=3A, IB=375mA
*VBE(on)
-
-
1.2
V
VCE=4V, IC=3A
*hFE
25
-
-
-
VCE=4V, IC=1A
*hFE
10
-
50
-
VCE=4V, IC=3A
fT
3
-
-
MHz
VCE=10V, IC=500mA, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Recommended soldering footprint


유사한 부품 번호 - TIP31CJ3

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Jiangsu Changjiang Elec...
TIP31C JIANGSU-TIP31C Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

유사한 설명 - TIP31CJ3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
   3A NPN Epitaxial Planar Power Transistor
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com