전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7898DP 데이터시트(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI7898DP
상세설명  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI7898DP 데이터시트(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  SI7898DP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
PowerPAK ® SO-8(DFN5X6), (Single/Dual)
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2
S
E
H
C
N
I
S
R
E
T
E
M
I
L
L
I
M
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
2
0
0
.
0
-
0
5
0
.
0
-
1
A
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
.
p
y
t
5
2
2
0
.
0
.
p
y
t
7
5
.
0
4
D
.
p
y
t
7
5
1
.
0
.
p
y
t
8
9
.
3
5
D
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2 (for AL product)
3.30
3.48
3.66
0.130
0.137
0.144
E2 (for other product)
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
.
p
y
t
3
2
0
.
0
.
p
y
t
8
5
.
0
)t
c
u
d
o
r
p
L
A
r
o
f(
4
E
E4 (for other prod
.
p
y
t
0
3
0
.
0
.
p
y
t
5
7
.
0
)t
c
u
C
S
B
0
5
0
.
0
C
S
B
7
2
.
1
e
.
p
y
t
7
5
0
.
0
.
p
y
t
5
4
.
1
)t
c
u
d
o
r
p
L
A
r
o
f(
K
K (for other produc
.
p
y
t
0
5
0
.
0
.
p
y
t
7
2
.
1
)
t
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
θ
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
.
p
y
t
5
0
0
.
0
.
p
y
t
5
2
1
.
0
M


유사한 부품 번호 - SI7898DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7898DP VISHAY-SI7898DP Datasheet
48Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. A, 17-Jun-02
SI7898DP VISHAY-SI7898DP Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
logo
Texas Instruments
SI7898DP TI1-SI7898DP Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
Vishay Siliconix
SI7898DP-T1-E3 VISHAY-SI7898DP-T1-E3 Datasheet
370Kb / 12P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI7898DP-T1-GE3 VISHAY-SI7898DP-T1-GE3 Datasheet
370Kb / 12P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7898DP

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com