전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1485 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADM1485
상세설명  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1485 데이터시트(HTML) 2 Page - Analog Devices

  ADM1485_15 Datasheet HTML 1Page - Analog Devices ADM1485_15 Datasheet HTML 2Page - Analog Devices ADM1485_15 Datasheet HTML 3Page - Analog Devices ADM1485_15 Datasheet HTML 4Page - Analog Devices ADM1485_15 Datasheet HTML 5Page - Analog Devices ADM1485_15 Datasheet HTML 6Page - Analog Devices ADM1485_15 Datasheet HTML 7Page - Analog Devices ADM1485_15 Datasheet HTML 8Page - Analog Devices ADM1485_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV.
–2–
ADM1485–SPECIFICATIONS (V
CC = 5 V
5%. All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
5.0
V
R =
∞, Test Circuit 1
2.0
5.0
V
VCC = 5 V, R = 50
Ω (RS-422), Test Circuit 1
1.5
5.0
V
R = 27
Ω (RS-485), Test Circuit 1
VOD3
1.5
5.0
V
VTST = –7 V to +12 V, Test Circuit 2
Δ|V
OD| for Complementary Output States
0.2
V
R = 27
Ω or 50 Ω, Test Circuit 1
Common-Mode Output Voltage VOC
3
V
R = 27
Ω or 50 Ω, Test Circuit 1
Δ|VOD| for Complementary Output States
0.2
V
R = 27
Ω or 50 Ω
Output Short-Circuit Current (VOUT = High)
35
250
mA
–7 V
≤ V
O
≤ +12 V
Output Short-Circuit Current (VOUT = Low)
35
250
mA
–7 V
≤ VO ≤ +12 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH
2.0
V
Logic Input Current (DE, DI)
±1.0
μA
RECEIVER
Differential Input Threshold Voltage, VTH
–0.2
+0.2
V
–7 V
≤ VCM ≤ +12 V
Input Voltage Hysteresis,
ΔVTH
70
mV
VCM = 0 V
Input Resistance
12
k
Ω
–7 V
≤ V
CM
≤ +12 V
Input Current (A, B)
1
mA
VIN = +12 V
–0.8
mA
VIN = –7 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH
2.0
V
Logic Enable Input Current (
RE)
±1
μA
CMOS Output Voltage Low, VOL
0.4
V
IOUT = +4.0 mA
CMOS Output Voltage High, VOH
4.0
V
IOUT = –4.0 mA
Short-Circuit Output Current
7
85
mA
VOUT = GND or VCC
Three-State Output Leakage Current
±1.0
μA
0.4 V
≤ V
OUT
≤ 2.4 V
POWER SUPPLY CURRENT
ICC (Outputs Enabled)
1.0
2.2
mA
Digital Inputs = GND or VCC
ICC (Outputs Disabled)
0.6
1
mA
Digital Inputs = GND or VCC
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit Test Conditions/Comments
DRIVER
Propagation Delay Input to Output tPLH, tPHL
210
15
ns
RLDIFF = 54
Ω, C
L1 = CL2 = 100 pF, Test Circuit 3
Driver O/P to
O/P tSKEW
15
ns
RLDIFF = 54
Ω, CL1 = CL2 = 100 pF, Test Circuit 3
Driver Rise/Fall Time tR, tF
815
ns
RLDIFF = 54
Ω, CL1 = CL2 = 100 pF, Test Circuit 3
Driver Enable to Output Valid
10
25
ns
RL = 110
Ω, C
L = 50 pF, Test Circuit 4
Driver Disable Timing
10
25
ns
RL = 110
Ω, CL = 50 pF, Test Circuit 4
Matched Enable Switching
0
2
ns
RL = 110
Ω, CL = 50 pF, Test Circuit 4*
|tAZH –tBZL|, |tBZH –tAZL|
Matched Disable Switching
0
2
ns
RL = 110
Ω, CL = 50 pF, Test Circuit 4*
|tAHZ –tBLZ|, |tBHZ –tALZ|
RECEIVER
Propagation Delay Input to Output tPLH, tPHL
815
30
ns
CL = 15 pF, Test Circuit 5
Skew |tPLH –tPHL|5
ns
CL = 15 pF, Test Circuit 5
Receiver Enable tEN1
520
ns
CL = 15 pF, RL = 1 k
Ω, Test Circuit 6
Receiver Disable tEN2
520
ns
CL = 15 pF, RL = 1 k
Ω, Test Circuit 6
Tx Pulse Width Distortion
1
ns
Rx Pulse Width Distortion
1
ns
*Guaranteed by characterization.
Specifications subject to change without notice.
(VCC = 5 V
5%. All specifications TMIN to TMAX, unless otherwise noted.)


유사한 부품 번호 - ADM1485_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
More results

유사한 설명 - ADM1485_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com