전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1486AR 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADM1486AR
상세설명  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1486AR 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADM1486AR Datasheet HTML 7Page - Analog Devices ADM1486AR Datasheet HTML 8Page - Analog Devices ADM1486AR Datasheet HTML 9Page - Analog Devices ADM1486AR Datasheet HTML 10Page - Analog Devices ADM1486AR Datasheet HTML 11Page - Analog Devices ADM1486AR Datasheet HTML 12Page - Analog Devices ADM1486AR Datasheet HTML 13Page - Analog Devices ADM1486AR Datasheet HTML 14Page - Analog Devices ADM1486AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1486
Rev. A | Page 11 of 16
CH2
CH1
1.00V
1.00V
M4.00ns
CH1
1.72V
B
A
1, 2
Figure 25. Unloaded Driver Differential Outputs
CH2
CH1
500mV
500mV
Ω M4.00ns CH1
1.72V
B
A
1, 2
Figure 26. Loaded Driver Differential Output
(RLDiff = 54 Ω, CL1 = CL2 = 100 pF)
CH2
CH1
1.00V
1.00V
M10.0ns
CH1
1.72V
B
RO
DI
A
CH4
CH3
2.00V
5.00V
1, 2
4
3
Figure 27. Driver/Receiver Propagation Delays Low to High
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)
CH2
CH1
1.00V
1.00V
M10.0ns
CH1
1.72V
B
RO
DI
A
CH4
CH3
2.00V
5.00V
1, 2
4
3
Figure 28. Driver/Receiver Propagation Delays High to Low
(RLDiff = 54 Ω, CL1 = CL2 = 100 pF)
CH2
CH1
1.00V
1.00V
M10.0ns
CH1
3.40V
B
A
1, 2
Figure 29. Unloaded Driver Outputs at 15 Mbps
CH2
CH1
1.00V
1.00V
M4.00ns
CH1
3.40V
B
A
1, 2
Figure 30. Unloaded Driver Outputs at 30 Mbps


유사한 부품 번호 - ADM1486AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1486AR AD-ADM1486AR Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results

유사한 설명 - ADM1486AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com