전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1486ARZ1 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM1486ARZ1
상세설명  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1486ARZ1 데이터시트(HTML) 4 Page - Analog Devices

  ADM1486ARZ1 Datasheet HTML 1Page - Analog Devices ADM1486ARZ1 Datasheet HTML 2Page - Analog Devices ADM1486ARZ1 Datasheet HTML 3Page - Analog Devices ADM1486ARZ1 Datasheet HTML 4Page - Analog Devices ADM1486ARZ1 Datasheet HTML 5Page - Analog Devices ADM1486ARZ1 Datasheet HTML 6Page - Analog Devices ADM1486ARZ1 Datasheet HTML 7Page - Analog Devices ADM1486ARZ1 Datasheet HTML 8Page - Analog Devices ADM1486ARZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM1486
Rev. A | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ±5%. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output tPLH, tPHL
4
11
17
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 5
11
13
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF @ TA = 25°C
Driver O/P to O/P tSKEW
0.5
2
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 51
Driver Rise/Fall Time tR, tF
8
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 5
Driver Enable to Output Valid tZH, tZL
9
15
ns
RL = 110 Ω, CL = 50 pF, see Figure 6
Driver Disable Timing tHZ, tLZ
9
15
ns
RL = 110 Ω, CL = 50 pF, see Figure 6
Matched Enable Switching
| tAZH − tBZL |, | tBZH − tAZL |
1
3
ns
RL = 110 Ω, CL = 50 pF, see Figure 6
Matched Disable Switching
| tAHZ − tBLZ |, | tBHZ − tALZ |
2
5
ns
RL = 110 Ω, CL = 50 pF, see Figure 6
RECEIVER
Propagation Delay Input to Output tPLH, tPHL
6
12
20
ns
CL = 15 pF, see Figure 7
Skew | tPLH − tPHL |
0.4
2
ns
CL = 15 pF1, see Figure 7
Receiver Enable tZH, tZL
7
13
ns
CL = 15 pF, RL = 1 kΩ, see Figure 8
Receiver Disable tHZ, tLZ
7
13
ns
CL = 15 pF, RL = 1 kΩ, see Figure 8
1 Guaranteed by characterization.


유사한 부품 번호 - ADM1486ARZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1486ARZ1 AD-ADM1486ARZ1 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results

유사한 설명 - ADM1486ARZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com