전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2209E 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM2209E
상세설명  Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2209E 데이터시트(HTML) 3 Page - Analog Devices

  ADM2209E_15 Datasheet HTML 1Page - Analog Devices ADM2209E_15 Datasheet HTML 2Page - Analog Devices ADM2209E_15 Datasheet HTML 3Page - Analog Devices ADM2209E_15 Datasheet HTML 4Page - Analog Devices ADM2209E_15 Datasheet HTML 5Page - Analog Devices ADM2209E_15 Datasheet HTML 6Page - Analog Devices ADM2209E_15 Datasheet HTML 7Page - Analog Devices ADM2209E_15 Datasheet HTML 8Page - Analog Devices ADM2209E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADM2209E
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VSTBY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V
Input Voltages
Driver Inputs TnINA/B . . . . . . . . . –0.3 V to (VSTBY, +0.3 V)
Receiver Inputs RnINA/B . . . . . . . . . . . . . . . . . . . . . .
±25 V
Output Voltages
Driver Outputs TnOUTA/B . . . . . . . . . . . . . . . . . . . . .
±15 V
Receiver Outputs RnOUTA/B . . . . –0.3 V to (VSTBY, +0.3 V)
Short Circuit Duration
TnOUTA/B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation
RU-38 TSSOP (Derate 12 mW/
°C Above +70°C) . . . 1488 mW
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
ESD Rating (MIL-STD-883B) (I-O Pins) . . . . . . . . . .
±15 kV
ESD Rating (MIL-STD-883B) (Except I-O) . . . . . . . .
±2.5 kV
ESD Rating (IEC1000-4-2 Air) (I-O Pins) . . . . . . . . .
±15 kV
ESD Rating (IEC1000-4-2 Contact) (I-O Pins) . . . . . .
±8 kV
EFT Rating (IEC1000-4-4) (I-O Pins) . . . . . . . . . . . . .
±2 kV
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM2209EARU
–40
°C to +85°C
RU-38
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
ADM2209E
R5INA
R4INA
R3INA
R2INA
R1INA
T3OUTA
T2OUTA
T1OUTA
V–
C–
GND
T1OUTB
T2OUTB
T3OUTB
R1INB
R2INB
R3INB
R4INB
R5INB
R5OUTA
R4OUTA
R3OUTA
R2OUTA
R1OUTA
T3INA
T2INA
T1INA
STBY
VDD
C+
T1INB
T2INB
T3INB
R1OUTB
R2OUTB
R3OUTB
R4OUTB
R5OUTB


유사한 부품 번호 - ADM2209E_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2209EARU AD-ADM2209EARU Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
More results

유사한 설명 - ADM2209E_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN752232 TI-SN752232_06 Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232 TI-SN752232 Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
logo
Maxim Integrated Produc...
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209E MAXIM-MAX3209E Datasheet
111Kb / 8P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 1; 9/99
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
   High ESD Dual Port RS-232 Transceiver
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
ADL Embedded Solutions
104-COM232-8 ADL-104-COM232-8 Datasheet
356Kb / 2P
   8-port RS-232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com