전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2490E 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADM2490E
상세설명  High Speed, ESD-Protected, Full-Duplex
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2490E 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADM2490E_15 Datasheet HTML 6Page - Analog Devices ADM2490E_15 Datasheet HTML 7Page - Analog Devices ADM2490E_15 Datasheet HTML 8Page - Analog Devices ADM2490E_15 Datasheet HTML 9Page - Analog Devices ADM2490E_15 Datasheet HTML 10Page - Analog Devices ADM2490E_15 Datasheet HTML 11Page - Analog Devices ADM2490E_15 Datasheet HTML 12Page - Analog Devices ADM2490E_15 Datasheet HTML 13Page - Analog Devices ADM2490E_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM2490E
Rev. A | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2.70
2.75
2.80
2.85
2.90
2.95
3.00
TEMPERATURE (°C)
NO LOAD
100Ω LOAD
220Ω-100Ω-220Ω LOAD
–40
–20
0
20
40
60
80
100
Figure 10. IDD1 Supply Current vs. Temperature (See Figure 5)
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
NO LOAD
100Ω LOAD
220Ω-100Ω-220Ω LOAD
–40
–20
0
20
40
60
80
100
Figure 11. IDD2 Supply Current vs. Temperature (See Figure 5)
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
tPZHL
tPYLH
tPZLH
tPYHL
Figure 12. Driver Propagation Delay vs. Temperature
0
10
20
30
40
50
60
TEMPERATURE (°C)
tPLH
tPHL
–40
–20
0
20
40
60
80
100
Figure 13. Receiver Propagation Delay vs. Temperature
CH1 2V
CH2 2V
CH3 2V
CH4 2V
M20ns
A CH2
2.84V
1
2
4
T
44.2%
Y AND Z OUTPUTS
TxD
RxD
Figure 14. Driver/Receiver Propagation Delay, Low to High
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)
CH1 2V
CH2 2V
CH3 2V
CH4 2V
M20ns
A CH2
2.84V
1
2
4
T
44.2%
TxD
RxD
Y AND Z OUTPUTS
Figure 15. Driver/Receiver Propagation Delay, High to Low
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)


유사한 부품 번호 - ADM2490E_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ-REEL7 AD-ADM2490EBRWZ-REEL7 Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
More results

유사한 설명 - ADM2490E_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
logo
Analog Devices
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
logo
Maxim Integrated Produc...
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com