부품명
         상세내용
ICL7116

 31/2 Digit, LCD/LED Display, A/D Converter with Display Hold ( 14 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
Detailed Description
Analog Section
Figure 3 shows the Analog Section for the ICL7116 and
ICL7117. Each measurement cycle is divided into three
phases. They are (1) auto-zero (A-Z), (2) signal integrate
(INT) and (3) de-integrate (DE).
Auto-Zero Phase
During auto-zero three things happen. First, input high and low
are disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate
for offset voltages in the buffer amplifier, integrator, and compar-
ator. Since the comparator is included in the loop, the A-Z accu-
racy is limited only by the noise of the system. In any case, the
offset referred to the input is less than 10
µV.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the inter-
nal short is removed, and the internal input high and low are
connected to the external pins. The converter then integrates
the differential voltage between IN HI and IN LO for a fixed time.
This differential voltage can be within a wide common mode
range: up to 1V from either supply. If, on the other hand, the
input signal has no return with respect to the converter power
supply, IN LO can be tied to analog COMMON to establish the
correct common mode voltage. At the end of this phase, the
polarity of the integrated signal is determined.
De-Integrate Phase
The final phase is de-integrate, or reference integrate. Input
low is internally connected to analog COMMON and input
high is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the capacitor
will be connected with the correct polarity to cause the
integrator output to return to zero. The time required for the
output to return to zero is proportional to the input signal.
Specifically the digital reading displayed is:
.
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier, or specifically from
0.5V below the positive supply to 1V above the negative sup-
ply. In this range, the system has a CMRR of 86dB typical.
However, care must be exercised to assure the integrator out-
put does not saturate. A worst case condition would be a large
positive common mode voltage with a near full scale negative
differential input voltage. The negative input signal drives the
integrator positive when most of its swing has been used up
by the positive common mode voltage. For these critical appli-
cations the integrator output swing can be reduced to less
than the recommended 2V full scale swing with little loss of
accuracy. The integrator output can swing to within 0.5V of
either supply without loss of linearity.
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of
common mode error is a roll-over voltage caused by the
reference capacitor losing or gaining charge to stray capacity
on its nodes. If there is a large common mode voltage, the
reference capacitor can gain charge (increase voltage) when
called up to de-integrate a positive signal but lose charge
(decrease voltage) when called up to de-integrate a negative
input signal. This difference in reference for positive or
negative input voltage will give a roll-over error. However, by
selecting the reference capacitor such that it is large enough
in comparison to the stray capacitance, this error can be
held to less than 0.5 count worst case. (See Component
Value Selection.)
DISPLAY COUNT
1000
V
IN
V
REF
-----------------



=
FIGURE 3. ANALOG SECTION OF ICL7116 AND ICL711
DE-
DE+
CINT
CAZ
RINT
BUFFER
A-Z
INT
A-Z
COMPARATOR
IN HI
COMMON
IN LO
31
32
30
DE-
DE+
INT
A-Z
34
CREF+
36
REF HI
CREF
A-Z
33
CREF-
28
29
27
TO
DIGITAL
SECTION
A-Z AND DE
(±)
INTEGRATOR
INT
STRAY
STRAY
V+
10
µA
N
INPUT
HIGH
2.8V
6.2V
V+
35
INPUT
LOW
A-Z
26
V
-
+
-
+
-
+
-
+
ICL7116, ICL7117
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



관련 부품명

부품명상세내용Html View제조사
NJU9203B3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD 1 2 3 4 New Japan Radio
ICL7116Digit A/D Converter With Display Hold 1 2 3 4 Maxim Integrated Products
TC8153-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function 1 2 3 4 5 MoreMicrochip Technology
MAX136Low Power 3⅓Digit A/D Converter With Display Hold 1 2 3 4 Maxim Integrated Products
AME8113-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs 1 2 3 4 5 MoreAnalog Microelectronics
TC8113-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs 1 2 3 4 5 MoreMicrochip Technology
TC8113-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
ADC1046110-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold 1 2 3 4 5 MoreNational Semiconductor
TC8203-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC818AAuto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display 1 2 3 4 5 MoreMicrochip Technology

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl