전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF246 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 IRF246
상세설명  14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF246 데이터시트(HTML) 6 Page - Intersil Corporation

  IRF246 Datasheet HTML 1Page - Intersil Corporation IRF246 Datasheet HTML 2Page - Intersil Corporation IRF246 Datasheet HTML 3Page - Intersil Corporation IRF246 Datasheet HTML 4Page - Intersil Corporation IRF246 Datasheet HTML 5Page - Intersil Corporation IRF246 Datasheet HTML 6Page - Intersil Corporation IRF246 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-6
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
ID, DRAIN CURRENT (A)
510
15
20
025
15
12
9
0
6
80
µs PULSE TEST
3
VDS ≥ 50V
TJ = 150
oC
TJ = 25
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
10
1
0.1
0
0.4
0.8
1.2
1.6
2.0
TJ = 25
oC
TJ = 150
oC
Qg(TOT), TOTAL GATE CHARGE (nC)
12
24
36
48
060
4
20
8
16
VDS = 200V
IC = 14A
VDS = 125V
VDS = 50V
12
0
IRF244, IRF245, IRF246, IRF247


유사한 부품 번호 - IRF246

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF246 ISC-IRF246 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
More results

유사한 설명 - IRF246

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com