전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2618RDTL-E 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SC2618RDTL-E
상세설명  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2618RDTL-E 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SC2618RDTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC2618RDTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC2618RDTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC2618RDTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC2618RDTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC2618RDTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC2618
Preliminary
R07DS0273EJ0400 Rev.4.00
Page 3 of 5
Jan 10, 2014
Main Characteristics
0
20
40
60
80
100
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (1)
68
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1 mA
IB = 0
P
C
=
400
mW
0
100
200
300
400
500
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (2)
68
10
2
3
4
5
6
7
8
IB = 0
1 mA
P
C = 400
mW
9
10
0
0.3
1.0
3
10
30
0.4
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
1.2
VCE = 3 V
2
0
20
60
40
80
100
140
120
20
510
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
50 100 200
500
VCE = 3 V
Ta = 25
°C
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
150
100
50


유사한 부품 번호 - 2SC2618RDTL-E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SC2618RDTL-E RENESAS-2SC2618RDTL-E Datasheet
68Kb / 5P
   Silicon NPN Epitaxial
2SC2618RDTL-E RENESAS-2SC2618RDTL-E Datasheet
91Kb / 6P
   Silicon NPN Epitaxial
More results

유사한 설명 - 2SC2618RDTL-E

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com