전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP51W 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 BAP51W
상세설명  Small Signal General Purpose PiN Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAP51W 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAP51W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAP51W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAP51W-02
Small Signal General Purpose PiN Diode
23-Jan-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Diode Capacitance
Low Diode Forward Resistance
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
8K
7 inch
MAXIMUM RATINGS (Single diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
60
V
Continuous Forward Current
IF
50
mA
Power Dissipation (TA = 90°C)
715
Power Dissipation
PD
150
mW
Thermal Resistance from Junction to
soldering point
RθJS
85
°C / W
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Continuous Reverse Voltage
VR
50
-
-
V
IR = 10µA
Forward Voltage
VF
-
-
1.1
V
IF = 50mA
Reverse Current
IR
-
-
100
nA
VR = 50V
CD1
1
-
0.4
-
VR = 0, f =1MHz
CD2
-
-
0.55
VR = 1, f =1MHz
Diode Capacitance
CD3
-
-
0.35
pF
VR = 5 V, f =1MHz
-
-
9
IF = 0.5 mA, f =100 MHz
-
-
6.5
IF = 1 mA, f =100 MHz
Diode Forward Resistance
1
rD
-
-
2.5
IF = 10 mA, f =100 MHz
Note:
1. Guaranteed on AQL basis: inspection level S4,AQL 1.0
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
-
-
B
0.75
0.85
E
0.25
0.35
C
0.70
0.50
F
0.07
0.17
SOD-523
A5


유사한 부품 번호 - BAP51W_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results

유사한 설명 - BAP51W_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BAP51W SECOS-BAP51W Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W_15 Datasheet
141Kb / 2P
   Small Signal General Purpose PiN Diode
BAP64WS SECOS-BAP64WS_15 Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64W-04 SECELECTRONICS-BAP64W-04 Datasheet
141Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SeCoS Halbleitertechnol...
BAP50W SECOS-BAP50W_15 Datasheet
160Kb / 2P
   Small Signal General Purpose PiN Diode
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
   Small Signal General Purpose Pin Diode
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
   Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W Datasheet
160Kb / 2P
   Small Signal General Purpose PiN Diode
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
   Small Signal General Purpose Pin Diode
BAP64WS SECOS-BAP64WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com