전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RZT1 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 RZT1
상세설명  450 MHz/600MHz, MCU with ARM Cortex짰-R4F
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZT1 데이터시트(HTML) 1 Page - Renesas Technology Corp

  RZT1_15 Datasheet HTML 1Page - Renesas Technology Corp RZT1_15 Datasheet HTML 2Page - Renesas Technology Corp RZT1_15 Datasheet HTML 3Page - Renesas Technology Corp RZT1_15 Datasheet HTML 4Page - Renesas Technology Corp RZT1_15 Datasheet HTML 5Page - Renesas Technology Corp RZT1_15 Datasheet HTML 6Page - Renesas Technology Corp RZT1_15 Datasheet HTML 7Page - Renesas Technology Corp RZT1_15 Datasheet HTML 8Page - Renesas Technology Corp RZT1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
R01DS0228EJ0070 Rev.0.70
Page 1 of 52
Dec 25, 2014
RZ/T1 Group
Preliminary Datasheet
Specifications in this document are tentative and subject to
Features
■ On-chip 32-bit ARM Cortex-R4F processor
High-speed realtime control with maximum operating frequency of
450/600 MHz
Capable of 747/996 DMIPS (in operation at 450/600 MHz)
On-chip 32-bit ARM Cortex-R4F (revision r1p4)
Tightly coupled memory (TCM) with ECC: 512 Kbytes/32 Kbytes
Instruction cache/data cache with ECC: 8 Kbytes per cache
High-speed interrupt
The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at single-
precision and double-precision.
Harvard architecture with 8-stage pipeline
Supports the memory protection unit (MPU)
ARM CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces
■ On-chip 32-bit ARM Cortex-M3 processor
(in products incorporating an R-IN engine)
150-MHz operating frequency
On-chip 32-bit ARM Cortex-M3 (revision r2p1)
RISC Harvard architecture with 3-stage pipeline
Supports the memory protection unit (MPU)
■ Low power consumption
Standby mode, sleep mode, and module stop function
■ On-chip extended SRAM
Up to 1 Mbyte of the on-chip extended SRAM with ECC
150 MHz
■ Data transfer
DMAC: 16 channels × 2 units
DMAC for the Ethernet controller: 1 channel
■ Event link controller
Module operations can be started by event signals rather than by
interrupt handlers.
Linked operation of modules is available even while the CPU is in
the sleep state.
■ Reset and power supply voltage control
Four reset sources including a pin reset
Dual power-voltage configuration: 3.3 V (I/O unit), 1.2 V
(internal)
■ Clock functions
External clock/oscillator input frequency: 25 MHz
CPU clock frequency: Up to 450/600 MHz
Low-speed on-chip oscillator (LOCO): 240 kHz
■ Independent watchdog timer
Operated by a clock signal obtained by frequency-dividing the
clock signal from the low-speed on-chip oscillator: Up to 120 kHz
■ Safety functions
Register write protection, input clock oscillation stop detection,
CRC, IWDTa, and A/D self-diagnosis
An error control module is incorporated to generate a pin signal
output, interrupt, or internal reset in response to errors originating
in the various modules.
■ Security functions (optional)*2
Boot mode with security through encryption
■ Encoder interfaces (optional)*3
EnDat 2.2 and BiSS-compliant interfaces
■ Various communications interfaces
Ethernet
- EtherCAT slave controller: 2 ports (for products incorporating an
R-IN engine)
- Ether-MAC: 1 port (without the switching function)
or
- Ether-MAC: 1 port (2 ports with the switching function)
USB 2.0 high-speed host/function : 1 channel
CAN (compliant with ISO11898-1): 2 channels (max.)
SCIFA with 16-byte transmission and reception FIFOs: 5 channels
I2C bus interface: 2 channels for transfer at up to 400 kbps
RSPIa: 4 channels
SPIBSC: Provides a single interface for multi-I/O compatible
serial flash memory
■ External address space
Buses for high-speed data transfer at 75 MHz (max.)
Support for up to 6 CS areas
8-, 16-, or 32-bit bus space is selectable per area
■ Up to 33 extended-function timers
16-bit TPUa (12 channels), MTU3a (9 channels), GPTa (4
channels): Input capture, output compare, PWM waveform output
16-bit CMT (6 channels), 32-bit CMTW (2 channels)
■ Serial sound interface (1 channel)
■ ∆Σ interface
Up to 4 ΔΣ modulators are connectable externally.
■ 12-bit A/D converters
12 bits × 2 units (max.)
(8 channels for unit 0; 16 channels for unit 1)
Self diagnosis
Detection of analog input disconnection
■ Temperature sensor for measuring temperature
within the chip
■ General-purpose I/O ports
5-V tolerance, open drain, input pull-up
■ Multi-function pin controller
The locations of input/output functions for peripheral modules are
selectable from among multiple pins.
■ Operating temperature range
Tj = -40°C to +125°C
Tj: Junction temperature
PRBG0320GA-A 17×17mm, 0.8-mm pitch
PLQP0176LD-A 20 x 20mm, 0.4-mm pitch
450 MHz/600MHz, MCU with ARM Cortex®-R4F and -M3*1, on-chip FPU, 747/996 DMIPS, up to 1
Mbyte of on-chip extended SRAM, Ethernet MAC, EtherCAT*1, USB 2.0 high-speed, CAN, various
communications interfaces such as an SPI multi-I/O bus controller, ∆Σ interface, safety functions,
encoder interfaces*1, and security functions*1
R01DS0228EJ0070
Rev.0.70
Dec 25, 2014
Note 1.
Optional
Note 2.
Details of these optional functions will only be given after completion of a binding non-disclosure agreement. For details, contact our sales
representative.
Note 3.
For details, contact our sales representative.


유사한 부품 번호 - RZT1_15

제조업체부품명데이터시트상세설명
logo
SICK AG
RZT7-03ZRS-KP0 SICK-RZT7-03ZRS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KQ0 SICK-RZT7-03ZRS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KR0 SICK-RZT7-03ZRS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KUB SICK-RZT7-03ZRS-KUB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

유사한 설명 - RZT1_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
   On-chip 32-bit ARM Cortex-R4F processor
RZ-T1 RENESAS-RZ-T1 Datasheet
1Mb / 132P
   On-chip 32-bit ARM Cortex-R4F processor
logo
List of Unclassifed Man...
NUC122SD2AN ETC2-NUC122SD2AN Datasheet
949Kb / 65P
   ARM Cortex짰-M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC126 NUVOTON-NUC126 Datasheet
2Mb / 140P
   ARM CORTEX짰 -M 32-BIT MICROCONTROLLER
M451 NUVOTON-M451 Datasheet
4Mb / 242P
   ARM Cortex짰 -M4 32-bit Microcontroller
M0564 NUVOTON-M0564 Datasheet
2Mb / 139P
   ARM CORTEX짰-M 32-BIT MICROCONTROLLER
logo
NXP Semiconductors
LPC8N04 NXP-LPC8N04 Datasheet
1Mb / 39P
   32-bit ARM Cortex짰-M0 microcontroller
Rev. 1.4-8 June 2018
logo
Nuvoton Technology Corp...
M058S NUVOTON-M058S Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
NUC121 NUVOTON-NUC121 Datasheet
2Mb / 148P
   ARM Cortex짰 -M0 32-bit Microcontroller
NUC122 NUVOTON-NUC122 Datasheet
1Mb / 66P
   ARM Cortex짰 -M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com