전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFF330 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 IRFF330
상세설명  3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF330 데이터시트(HTML) 3 Page - Intersil Corporation

  IRFF330 Datasheet HTML 1Page - Intersil Corporation IRFF330 Datasheet HTML 2Page - Intersil Corporation IRFF330 Datasheet HTML 3Page - Intersil Corporation IRFF330 Datasheet HTML 4Page - Intersil Corporation IRFF330 Datasheet HTML 5Page - Intersil Corporation IRFF330 Datasheet HTML 6Page - Intersil Corporation IRFF330 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Rectifier.
-
-
3.5
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
14
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 3.5A, VGS = 0V (Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 3.5A, dISD/dt = 100A/µs
-
600
-
ns
Reverse Recovered Charge
QRR
TJ = 150
oC, I
SD = 3.5A, dISD/dt = 100A/µs
-
4.0
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive Rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, start TJ = 25
oC, L = 42.85mH, R
G = 25Ω, peak IAS = 3.5A (Figures 14,15).
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
D
G
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
4
0
125
3
2
1
1.0
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
T1, RECTANGULAR PULSE DURATION (LC)
NOTES:
DUTY FACTOR: D = t1/t2
PDM
t1
t2
SINGLE PULSE
TJ = PDM x ZθJC(t) x RθJC + TC
0.01
0.5
0.2
0.05
0.02
0.1
IRFF330


유사한 부품 번호 - IRFF330

제조업체부품명데이터시트상세설명
logo
Seme LAB
IRFF330 SEME-LAB-IRFF330 Datasheet
16Kb / 1P
   N-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
   3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
More results

유사한 설명 - IRFF330

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
   3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
   3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com