전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2305DS-3 데이터시트(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2305DS-3
상세설명  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2305DS-3 데이터시트(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2305DS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
SMD Type
MOSFET
4
www.kexin.com.cn
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 A
1.0
1.2
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
0.1
10
30
ID = 3.5 A
0.01
0
1
6
12
2
4
10
500
0.1
0.00
0.2
0.4
0.6
0.8
TJ = 25 C
TJ = 150 C
Threshold Voltage
TJ – Temperature ( C)
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
Single Pulse Power
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
Time (sec)
8
10
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–3
10–2
0
0
5
0
1
1
10–1
10–4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130 C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
TA = 25 C
1
SI230 D
5 S (KI2305DS)
Typical Characterisitics


유사한 부품 번호 - SI2305DS-3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2305DS-HF KEXIN-SI2305DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2305DS-HF-3 KEXIN-SI2305DS-HF-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2305DS-T1 VISHAY-SI2305DS-T1 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI2305DS-T1-GE3 VBSEMI-SI2305DS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI2305DS-3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com