전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2305DS-HF 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2305DS-HF
상세설명  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2305DS-HF 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2305DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2305DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Drain-source breakdown voltage
VDSS
VGS = 0 V, ID = -250μA
-8
V
Gate threshold voltage
VGS(th) VDS = VGS, ID = -250 μA
-0.45
V
VDS = -6.4 V, VGS = 0 V
-1
VDS = -6.4 V, VGS = 0 V, TJ = 55 ℃
-10
Gate-body leakage
IGSS
VDS = 0 V, VGS = ±8 V
±
100
nA
VGS = -4.5 V, ID = -3.5 A
0.052
VGS = -2.5 V, ID = -3.0 A
0.071
VGS = -1.8 V, ID = -2.0 A
0.108
VDS ≤ -5 V, VGS = -4.5 V
-6
VDS ≤ -5 V, VGS = -2.5 V
-3
Forward transconductance
gfs
VDS = -5 V, ID = -3.5 A
8.5
S
Input capacitance *
Ciss
1245
Output capacitance *
Coss
375
Reverse transfer capacitance *
Crss
210
Total gate charge *
Qg
10
15
Gate-source charge *
Qgs
2
Gate-drain charge *
Qgd
2
Turn-on Delay time
td(on)
13
20
Turn-on Reise time
tr
25
40
Turn-off Dealy time
td(off)
55
80
Turn-off Fall time
tf
19
35
Continuous source current (diode conduction) *
IS
-1.6
A
Diode forward voltage
VSD
IS = -1.6 A, VGS = 0 V
-1.2
V
* Pulse test: PW ≤ 300 μs duty cycle ≤ 2%.
On-state drain current
ID(on)
Zero gate voltage drain current
IDSS
μA
Drain-source on-state resistance
rDS(on)
Ω
A
ns
VDS = -4V ,VGS = -4.5 V , ID= -3.5 A
VDS = -4V ,VGS = 0 , f = 1 MHz
VDD = -4V , RL = 4Ω ,
ID = -1A , VGEN =- 4.5V , RG = 6Ω
pF
nC
Marking
Marking
A5* F
-0.8
P-Channel MOSFET
SI2305DS-HF (KI2305DS-HF)


유사한 부품 번호 - SI2305DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2305DS-HF-3 KEXIN-SI2305DS-HF-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

유사한 설명 - SI2305DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com