전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-X36AXXX-X 데이터시트(PDF) 1 Page - Nel Frequency Controls,inc

부품명 SD-X36AXXX-X
상세설명  voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEL [Nel Frequency Controls,inc]
홈페이지  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-X36AXXX-X 데이터시트(HTML) 1 Page - Nel Frequency Controls,inc

  SD-X36AXXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc SD-X36AXXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc SD-X36AXXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0629F
CRYSTAL CLOCK OSCILLATORS
LVPECL UHF VCXO
SD-X36AXXX-X Series
Rev. J
Description
The SD-X36AXXX Series of voltage controlled crystal oscillators (VCXO) provides ultra high
frequency with LVPECL complementary output. The outputs can be Tri-stated for test automation or
combining multiple clocks. The device is based on advanced PLL for higher frequencies, and
packaged in a miniature, low profile leadless ceramic SMD package with 6 gold plated pads.
Applications and Features
• Wide frequency range – 38.0MHz to 640.000MHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability – NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Phase Noise and Jitter
• High Shock Resistance, to 1000g
• Ultra High Frequency
• Absolute Pull Range (APR) to ± 100 ppm
• Grounded lid and internal by-pass capacitor reduce EMI
• COTS/Dual use
Creating a Part Number
SD - A 36A X X X - X - FREQ
Operating Voltage
A - 3.3 V ± 5%
Temperature Range, ºC
A – 0 to 50
B - 0 to 70
C - -20 to 70
D - -40 to 85
9 – customer specific
Absolute Pull Range, ppm
E ±20
F ±32
G ±50
H ±100
9 Customer specific
Enable Option
L Enable Low
H Enable High
N No Enable/Disable
Package code
SD 6 pad 5x7mm SMD
Environmental
L Contains a level of lead that is
in excess of RoHS directive and
is not designed for reflow
R RoHS compliant


유사한 부품 번호 - SD-X36AXXX-X

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
More results

유사한 설명 - SD-X36AXXX-X

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
SD-X36BXXX-X NEL-SD-X36BXXX-X Datasheet
163Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
SD-X3DBXXX-X NEL-SD-X3DBXXX-X Datasheet
165Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVDS complementary output
SD-A3DAXXX-X NEL-SD-A3DAXXX-X Datasheet
164Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVDS complementary output
AE-X36DXXX-X NEL-AE-X36DXXX-X Datasheet
161Kb / 4P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
AE-X32BXX-X NEL-AE-X32BXX-X Datasheet
226Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with CMOS/LVCMOS output
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
logo
Golledge Electronics Lt...
GVXO-38N GOLLEDGE-GVXO-38N Datasheet
577Kb / 5P
   VCXO - Complementary ECL output voltage controlled oscillator with ultra high frequency range
logo
Nel Frequency Controls,...
AE-XA4XXX-X NEL-AE-XA4XXX-X Datasheet
159Kb / 4P
   temperature compensated crystal oscillators (TCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
   Voltage Controlled Crystal Oscillators (VCXO?셲)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com