전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2321DS 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2321DS
상세설명  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2321DS 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2321DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel Enhancement MOSFET
SI2321DS (KI2321DS)
Typical Characterisitics
0
300
600
900
1200
0
4
8
12
16
20
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2
4
6
8
10
12
0
2
4
6
8
10
12
0.0
0.4
0.8
1.2
1.6
2.0
0
1
2
3
4
5
0
2
4
6
8
10
0.5
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
150
25 C
TC = 125 C
Crss
Coss
Ciss
VDS = 10 V
ID = 3.3 A
VGS = 4.5 V
ID = 3.3 A
VGS = 4.5 V
VGS = 2.5 V
-55 C
1.5 V
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
it
s
ir
e
t
c
a
r
a
h
C
t
u
p
t
u
O
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
Normalized On-Resistance vs. Junction Temperature
TJ - Junction Temperature ( C)
VGS = 1.8 V
VGS = 4.5 thru 2.5 V
1.0 V
0.5 V
2 V


유사한 부품 번호 - SI2321DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2321DS VISHAY-SI2321DS Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 19-May-03
logo
Guangdong Kexin Industr...
SI2321DS-3 KEXIN-SI2321DS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2321DS-HF KEXIN-SI2321DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2321DS-HF-3 KEXIN-SI2321DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2321DS-T1 VISHAY-SI2321DS-T1 Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 19-May-03
More results

유사한 설명 - SI2321DS

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com