전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1522-E1-E 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 2SK1522-E1-E
상세설명  500V - 50A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1522-E1-E 데이터시트(HTML) 1 Page - Renesas Technology Corp

  2SK1522-E1-E_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1195EJ0200 Rev.2.00
Page 1 of 6
Mar 26, 2014
Preliminary Datasheet
2SK1522-E1-E
500V - 50A - MOS FET
High Speed Power Switching
Features
• Low on-resistance
RDS(on) = 0.085
Ω typ. (at I
D = 25 A, VGS = 10 V, Ta = 25°C)
• High speed switching
• Low drive current
• Built-in fast recovery diode (t
rr = 120 ns)
• Suitable for motor control, switching regulator, DC-DC converter
Outline
1. Gate
2. Drain
3. Source
1
2
3
D
G
S
RENESAS Package code: PRSS0003ZC-A
(Package name:TO-264)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
500
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
50
A
Drain peak current
ID(pulse)
Note1
200
A
Body to drain diode reverse drain current
IDR
50
A
Channel dissipation
Pch
Note2
250
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at TC = 25°C
R07DS1195EJ0200
Rev.2.00
Mar 26, 2014


유사한 부품 번호 - 2SK1522-E1-E_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK1522-E1-ET2 RENESAS-2SK1522-E1-ET2 Datasheet
246Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
More results

유사한 설명 - 2SK1522-E1-E_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
2SK1522-E1-E RENESAS-2SK1522-E1-E Datasheet
246Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
2SK3159 RENESAS-2SK3159_16 Datasheet
272Kb / 8P
   150V - 50A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com