전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL37400M-CD 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL37400M-CD
상세설명  PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37400M-CD 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL37400M-CD Datasheet HTML 1Page - Intersil Corporation ISL37400M-CD Datasheet HTML 2Page - Intersil Corporation ISL37400M-CD Datasheet HTML 3Page - Intersil Corporation ISL37400M-CD Datasheet HTML 4Page - Intersil Corporation ISL37400M-CD Datasheet HTML 5Page - Intersil Corporation ISL37400M-CD Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
FN8022.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved PRISM® is a registered trademark of Intersil Americas Inc. PRISM and design
is a trademark of Intersil Americas Inc. Microsoft®, Windows® and Windows NT® are registered trademarks of Microsoft Corporation.
ISL37400M-EVAL
PRISM® 2.5 11Mbps Wireless Local Area
Network miniPCI
The Intersil ISL37400M WLAN miniPCI
(Note 1) is a complete wireless high
speed network interface card (NIC)
utilizing the Intersil PRISM 2.5 Direct
Sequence Spread Spectrum (DSSS) Wireless Transceiver
chip set. It provides a complete PRISM 2.5 reference design
evaluation platform of hardware and software to system
providers or integrators requiring wireless data
communications capability and is ideal for integration into
computer platforms.
Evaluation kits include a WLAN miniPCI and a WLAN
PCMCIA designed to Intersil’s PRISM reference design,
Microsoft® Windows® driver, LAN evaluation software,
PRISM Transmitter Test Utilities (PTTU) software (Note 3)
and documentation to get your evaluation started quickly. It
supports the IEEE802.11 network specification for DSSS
signaling, providing data rates of 1, 2, 5.5 and 11Mbps.
Access points are available from a number of suppliers,
enabling a total wireless network solution. Typical operating
ranges are shown in Table 1.
A complete PRISM chipset WLAN reference design package
(ISL37400M-CD) is also available. The reference design
package contains all the documentation needed for the
manufacture of the PRISM 2.5 miniPCI WLAN card including
Cadence/Allegro Layout, Gerber files, Concept Schematic,
Bill of Materials, Assembly and Mechanical Drawings, Test
Plan, and a copy of the application for FCC equipment
authorization. Customers who license the reference design
also receive password access to Intersil’s Premier Web Site
for up-to-the-minute updates on hardware and software.
Features
• FCC-certified under Part 15 to operate in 2.4GHz ISM
band
• Support for 11, 5.5, 2 and 1 Mbps data rates
• Supports the lEEE 802.11 direct sequence specification
•Driver supports Microsoft Windows 95, 98, 98SE, 2000,
CE, ME and Microsoft Windows NT®4
• Supports dual diversity antennas
• Advanced RAKE receiver design with Decision Feedback
Equalizer
• Provides wireless data communications at full ethernet
speed
• Designed to fully support miniPCI Type 3A-defined
mechanical and environmental stress conditions
• Intelligent power control, including IEEE802.11 power
save mode
• Complete reference design; the ISL37400M-CD is
available to ensure minimum time-to-market
PRISM® is a registered trademark of Intersil Americas Inc.
PRISM and design is a trademark of Intersil Americas Inc.
Microsoft® Windows® and Microsoft® Windows NT® are
registered trademarks of Microsoft Corporation.
Packaging
Ordering Information
PART NUMBER
DESCRIPTION
CARDS/SET
ISL37400M-EVAL
WLAN Evaluation Kit
1 miniPCI
1 PCMCIA
ISL37400M-CD
Reference Design
n/a
Data Sheet
December 2001


유사한 부품 번호 - ISL37400M-CD

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
ISL37-220 ICE-ISL37-220 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-220 ICE-ISL37-220 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

유사한 설명 - ISL37400M-CD

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com