전자부품 데이터시트 검색엔진 |
|
2SK1527-E1-E 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
2SK1527-E1-E 데이터시트(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1527-E1-E Preliminary R07DS1196EJ0100 Rev.1.00 Page 2 of 6 Mar 26, 2014 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 500 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 μA, VDS = 0 Gate to source leak current IGSS — — ±10 μA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 μA VDS = 400 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V ID = 1 mA, VDS = 10 V Static drain to source on state resistance RDS(on) — 0.12 0.16 Ω ID = 20 A, VGS = 10 V Note3 Forward transfer admittance |yfs| 20 30 — S ID = 20 A, VDS = 10 V Note3 Input capacitance Ciss — 5800 — pF VDS = 10 V VGS = 0, f = 1 MHz Output capacitance Coss — 1430 — pF Reverse transfer capacitance Crss — 150 — pF Turn-on delay time td(on) — 60 — ns ID = 20 A VGS = 10 V, RL = 1.5 Ω Rise time tr — 175 — ns Turn-off delay time td(off) — 420 — ns Fall time tf — 160 — ns Body to drain diode forward voltage VDF — 1.2 — V IF = 40 A, VGS = 0 Body to drain diode reverse recovery time trr — 600 — ns IF = 40 A, VGS = 0, diF/dt = 100 A/ μs Note: 3. Pulse test |
유사한 부품 번호 - 2SK1527-E1-E_15 |
|
유사한 설명 - 2SK1527-E1-E_15 |