전자부품 데이터시트 검색엔진 |
|
SI2341DS-HF 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2341DS-HF 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 5 page SMD Type www.kexin.com.cn 1 MOSFET ■ Features ● VDS (V) =-30V ● ID =-2.8A (VGS =-10V) ● RDS(ON) < 72mΩ (VGS =-10V) ● RDS(ON) < 120mΩ (VGS =-4.5V) 0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 1.Gate 2.Source 3.Drain 1 2 3 Unit: mm SOT-23 0.1 +0.05 -0.01 G S D 2 3 1 ■ Absolute Maximum Ratings Ta = 25℃ Symbol 5 sec Steady State Unit VDS VGS Ta = 25℃ -2.8 -2.5 Ta = 70℃ -2.2 -2.0 IDM Ta = 25℃ 0.9 0.71 Ta = 70℃ 0.57 0.45 RthJF Junction Temperature TJ Storage Temperature Range Tstg 150 -55 to 150 Thermal Resistance.Junction- to-Foot V ℃ /W ℃ -30 ± 20 -12 140 175 75 Parameter ID Continuous Drain Current *1 Pulsed Drain Current A W Power Dissipation *1 PD Gate-Source Voltage Drain-Source Voltage RthJA Thermal Resistance.Junction- to-Ambient *1 Thermal Resistance.Junction- to-Ambient *2 *1 Surface Mounted on FR4 Board, t ≤ 5 sec. *2 Surface Mounted on FR4 Board. ● Pb−Free Package May be Available. The G−Suffix Denotes a Pb−Free Lead Finish P-Channel MOSFET SI2341DS-HF (KI2341DS-HF) |
유사한 부품 번호 - SI2341DS-HF |
|
유사한 설명 - SI2341DS-HF |