전자부품 데이터시트 검색엔진 |
|
SI3437DV-HF 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI3437DV-HF 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
3 / 5 page SMD Type www.kexin.com.cn 3 MOSFET ■ Typical Characterisitics Output Characteristics On-Resistance vs. Drain Current and Gate Voltage Gate Charge 0 2 4 6 8 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V) V GS = 10 V thru 6V 5 V 0.4 0.6 0.8 1.0 1.2 1.4 0.0 1.6 3.2 4.8 6.4 8.0 ID - Drain Current (A) V GS = 6V V GS = 10V 0 2 4 6 8 10 Qg - Total Gate Charge (nC) 0 2.6 5.2 7.8 10.4 13 ID = 1 A V DS = 75V V DS = 50V V DS = 100 V Transfer Characteristics Capacitance On-Resistance vs. Junction Temperature 0.0 0.3 0.6 0.9 1.2 1.5 0 2 4 6 8 VGS - Gate-to-Source Voltage (V) T C = 125 °C 25 °C - 55 °C 0 150 300 450 600 750 0 4 8 12 16 20 VDS - Drain-to-Source Voltage (V) C rss C oss C iss 0.4 0.8 1.2 1.6 2.0 2.4 - 50 - 25 0 25 50 75 100 125 150 ID = 1.2 A TJ - Junction Temperature (°C) V GS = 10V V GS = 6V P-Channel MOSFET SI3437DV-HF (KI3437DV-HF) |
유사한 부품 번호 - SI3437DV-HF |
|
유사한 설명 - SI3437DV-HF |