전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4223EIR-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL4223EIR-T
상세설명  QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223EIR-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL4223EIR-T Datasheet HTML 1Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 2Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 3Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 4Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 5Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 6Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 7Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 8Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Ordering Information
PART NO.
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL4221EIR
-40 to 85
16 Ld QFN
L16.5x5
ISL4221EIR-T
-40 to 85
16 Ld QFN
Tape & Reel
L16.5x5
ISL4221EIRZ-T
(Note)
-40 to 85
16 Ld QFN
Tape & Reel
(Pb-free)
L16.5x5
ISL4223EIR
-40 to 85
20 Ld QFN
L20.5x5
ISL4223EIRZ
(Note)
-40 to 85
20 Ld QFN
(Pb-free)
L20.5x5
ISL4223EIR-T
-40 to 85
20 Ld QFN
Tape & Reel
L20.5x5
ISL4223EIRZ-T
(Note)
-40 to 85
20 Ld QFN
Tape & Reel
(Pb-free)
L20.5x5
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Ordering Information (Continued)
PART NO.
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
Pinouts
ISL4221E (QFN)
TOP VIEW
ISL4223E (QFN)
TOP VIEW
1
3
4
15
V+
C1-
C2+
C2-
16
14
13
2
12
10
9
11
6
57
8
GND
T1OUT
FORCEON
T1IN
V+
C1-
C2+
C2-
V-
T1OUT
R1IN
R1OUT
FORCEON
T1IN
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
Pin Descriptions
PIN
FUNCTION
VCC
System power supply input (2.7V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND
Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter Inputs.
TOUT
±15kV ESD Protected, RS-232 level (nominally ±5.5V) transmitter outputs.
RIN
±15kV ESD Protected, RS-232 compatible receiver inputs.
ROUT
TTL/CMOS level receiver outputs.
INVALID
Active low output that indicates if no valid RS-232 levels are present on any receiver input.
FORCEOFF Active low to shut down transmitters and on-chip power supply. This overrides any automatic circuitry and FORCEON (see Table 2).
FORCEON
Active high input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high).
EN
Active low receiver enable control.
ISL4221E, ISL4223E


유사한 부품 번호 - ISL4223EIR-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4223EIR RENESAS-ISL4223EIR Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223EIRZ INTERSIL-ISL4223EIRZ Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
More results

유사한 설명 - ISL4223EIR-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com