전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43111IB-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL43111IB-T
상세설명  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43111IB-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL43111IB-T Datasheet HTML 4Page - Intersil Corporation ISL43111IB-T Datasheet HTML 5Page - Intersil Corporation ISL43111IB-T Datasheet HTML 6Page - Intersil Corporation ISL43111IB-T Datasheet HTML 7Page - Intersil Corporation ISL43111IB-T Datasheet HTML 8Page - Intersil Corporation ISL43111IB-T Datasheet HTML 9Page - Intersil Corporation ISL43111IB-T Datasheet HTML 10Page - Intersil Corporation ISL43111IB-T Datasheet HTML 11Page - Intersil Corporation ISL43111IB-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL43110: 40
ISL43111: 40
PROCESS:
Si Gate CMOS
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. OFF ISOLATION
FIGURE 17. PSRR vs FREQUENCY
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P to 5VP-P (V+ = 12V)
RL = 50Ω
V+ = 3.3V
V+ = 12V
V+ = 12V
V+ = 3.3V
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
V+ = 3V to 13V
RL = 50Ω
FREQUENCY (MHz)
1
10
100
1000
0.3
30
40
50
60
70
80
20
10
0
RL = 50Ω
V+ = 12V, SWITCH ON
V+ = 3.3V, SWITCH ON
V+ = 12V, SWITCH OFF
V+ = 3.3V, SWITCH OFF
ISL43110, ISL43111


유사한 부품 번호 - ISL43111IB-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43111IB-T INTERSIL-ISL43111IB-T Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43111IB-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com