전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5216KI-1 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL5216KI-1
상세설명  Four-Channel Programmable Digital DownConverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI-1 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL5216KI-1 Datasheet HTML 1Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 2Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 3Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 4Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 5Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 6Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 7Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 8Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
5
SYNCI3
I
Synchronization input signal for channel 3. Same functions as SYNCI but connects only to channel 3. This pin
is internally pulled low to allow it to be left unconnected.
SYNCO
O
Synchronization Output Signal. The processing of multiple ISL5216 or HSP50216 devices can be
synchronized by tying the SYNCO from one ISL5216 device (the master) to the SYNCI of all the ISL5216 /
HSP50216 devices (the master and slaves).
RESET
I
Reset Signal. Active low. Asserting reset will halt all processing and set certain registers to default values.
JTAG
TDO
O
Test data out
TDI
I
Test data in. Contains weak internal pull up.
TMS
I
Test mode select. Contains weak internal pull up.
TCLK
I
Test clock. Contains weak internal pull down.
TRST
I
Test reset. Active low. Contains weak internal pull down.
OUTPUTS
SD1A
O
Serial Data Output 1A. A serial data stream output which can be programmed to consist of I1, Q1, I2, Q2,
magnitude, phase, frequency (dφ/dt), AGC gain, and/or zeros. In addition, data outputs from Channels 0, 1, 2
and 3 can be multiplexed into a common serial output data stream. Information can be sequenced in a
programmable order. See Serial Data Output Formatter Section and Microprocessor Interface Section.
SD2A
O
Serial Data Output 2A. This output is provided as an auxiliary output for Serial Data Output 1A to route data
to a second destination or to output two words at a time for higher sample rates. SD2A has the same
programmability as SD1A except that floating point format is not available. See Serial Data Output Formatter
Section and Microprocessor Interface Section.
SD1B
O
Serial Data Output 1B. See description for SD1A.
SD2B
O
Serial Data Output 2B. See description for SD2A.
SD1C
O
Serial Data Output 1C. See description for SD1A.
SD2C
O
Serial Data Output 2C. See description for SD2A.
SD1D
O
Serial Data Output 1D. See description for SD1A.
SD2D
O
Serial Data Output 2D. See description for SD2A.
SCLK
O
Serial Output Clock. Can be programmed to be at 1, 1/2, 1/4, 1/8, or 1/16 times the clock frequency. The
polarity of SCLK is programmable.
SYNCA
O
Serial Data Output 1A sync signal. This signal is used to indicate the start of a data word and/or frame of data.
The polarity and position of SYNCA is programmable.
SYNCB
O
Serial Data Output 1B sync signal. This signal is used to indicate the start of a data word and/or frame of data.
The polarity and position of SYNCB is programmable.
SYNCC
O
Serial Data Output 1C sync signal. This signal is used to indicate the start of a data word and/or frame of data.
The polarity and position of SYNCC is programmable.
SYNCD
O
Serial Data Output 1D sync signal. This signal is used to indicate the start of a data word and/or frame of data.
The polarity and position of SYNCD is programmable.
MICROPROCESSOR INTERFACE
P(15:0)
I/O
Microprocessor Interface Data bus. See Microprocessor Interface Section. P15 is the MSB.
ADD(2:0)
I
Microprocessor Interface Address bus. ADD2 is the MSB. See Microprocessor Interface Section. Note: ADD2
is not used but designated for future expansion.
WR
or
DSTRB
I
Microprocessor Interface Write or Data Strobe Signal. When the Microprocessor Interface Mode Control, µP
MODE, is a low data transfers (from either P(15:0) to the internal write holding register or from the internal write
holding register to the target register specified) occur on the low to high transition of WR when CE is asserted
(low). When the µP MODE control is high this input functions as a data read/write strobe. In this mode with
RD/WR low data transfers (from either P(15:0) to the internal write holding register or from the internal write
holding register to the target register specified) occur on the low to high transition of Data Strobe. With RD/WR
high the data from the address specified is placed on P(15:0) when Data Strobe is low. See Microprocessor
Interface Section.
Pin Descriptions (Continued)
NAME
TYPE
DESCRIPTION
ISL5216


유사한 부품 번호 - ISL5216KI-1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216KI-1 RENESAS-ISL5216KI-1 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

유사한 설명 - ISL5216KI-1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com