전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5861 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL5861
상세설명  12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5861 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL5861 Datasheet HTML 1Page - Intersil Corporation ISL5861 Datasheet HTML 2Page - Intersil Corporation ISL5861 Datasheet HTML 3Page - Intersil Corporation ISL5861 Datasheet HTML 4Page - Intersil Corporation ISL5861 Datasheet HTML 5Page - Intersil Corporation ISL5861 Datasheet HTML 6Page - Intersil Corporation ISL5861 Datasheet HTML 7Page - Intersil Corporation ISL5861 Datasheet HTML 8Page - Intersil Corporation ISL5861 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +3.6V
Analog Supply Voltage AVDD to ACOM . . . . . . . . . . . . . . . . . +3.6V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D9-D0, CLK, SLEEP). . . . . . . . DVDD + 0.3V
Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25oC for All Typical Values
PARAMETER
TEST CONDITIONS
TA = -40oC TO 85oC
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
12
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 7)
-1.25
±0.5
+1.25
LSB
Differential Linearity Error, DNL
(Note 7)
-1
±0.5
+1
LSB
Offset Error, IOS
IOUTA (Note 7)
-0.006
+0.006
% FSR
Offset Drift Coefficient
(Note 7)
-
0.1
-
ppm
FSR/oC
Full Scale Gain Error, FSE
With External Reference (Notes 2, 7)
-3
±0.5
+3
% FSR
With Internal Reference (Notes 2, 7)
-3
±0.5
+3
% FSR
Full Scale Gain Drift
With External Reference (Note 7)
-
±50
-
ppm
FSR/oC
With Internal Reference (Note 7)
-
±100
-
ppm
FSR/oC
Full Scale Output Current, IFS
2-
20
mA
Output Voltage Compliance Range
(Note 3)
-1.0
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
ISL5861/2IA, ISL5861/2IB
210
250
-
MHz
Maximum Clock Rate, fCLK
ISL5861IA, ISL5861IB
130
150
-
MHz
Output Rise Time
Full Scale Step
-
1.5
-
ns
Output Fall Time
Full Scale Step
-
1.5
-
ns
Output Capacitance
-10
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50Ω and RLOAD= 50Ω, Full Scale Output = -2.5dBm)
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 7)
-
73
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 7)
-
80
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 7)
-
85
-
dBc
ISL5861


유사한 부품 번호 - ISL5861

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861/2IA INTERSIL-ISL5861/2IA Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

유사한 설명 - ISL5861

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
   10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com