전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL58292IN 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL58292IN
상세설명  Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58292IN 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL58292IN Datasheet HTML 5Page - Intersil Corporation ISL58292IN Datasheet HTML 6Page - Intersil Corporation ISL58292IN Datasheet HTML 7Page - Intersil Corporation ISL58292IN Datasheet HTML 8Page - Intersil Corporation ISL58292IN Datasheet HTML 9Page - Intersil Corporation ISL58292IN Datasheet HTML 10Page - Intersil Corporation ISL58292IN Datasheet HTML 11Page - Intersil Corporation ISL58292IN Datasheet HTML 12Page - Intersil Corporation ISL58292IN Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FIGURE 7. UMTS AT 19.2MHz, 76.8MSPS
(70dB 1stACPR, 70dB 2ndACPR)
FIGURE 8. ONE TONE AT 10.1MHz, 80MSPS CLOCK
(71dBc - NYQUIST, 6dB PAD)
FIGURE 9. ONE TONE AT 40.4MHz, 210MSPS CLOCK
(61dBc - NYQUIST, 6dB PAD)
FIGURE 10. EIGHT TONES (CREST FACTOR=8.9) AT 37MHz,
210MSPS CLOCK, 2.1MHz SPACING
(65dBc - NYQUIST)
FIGURE 11. TWO TONES (CkHzF=6) AT 8.5MHz, 50MSPS
CLOCK, 500kHz SPACING (82dBc - 10MHz
WINDOW, 6dB PAD)
FIGURE 12. FOUR TONES (CF=8.1) AT 14MHz, 80MSPS
CLOCK, 800kHz SPACING (70dBc - NYQUIST,
6dB PAD)
Typical Performance (+3.3V Supply, Using Figure 13 with RDIFF = 100Ω and RLOAD = 50Ω) (Continued)
SPECTRAL MASK
UMTS TDD
P>43dBm BTS
ISL5829


유사한 부품 번호 - ISL58292IN

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5829 INTERSIL-ISL5829 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5829/2IN RENESAS-ISL5829/2IN Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5829EVAL1 RENESAS-ISL5829EVAL1 Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5829IN RENESAS-ISL5829IN Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

유사한 설명 - ISL58292IN

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
   10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com