전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR512 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADR512
상세설명  1.2 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR512 데이터시트(HTML) 5 Page - Analog Devices

  ADR512_15 Datasheet HTML 1Page - Analog Devices ADR512_15 Datasheet HTML 2Page - Analog Devices ADR512_15 Datasheet HTML 3Page - Analog Devices ADR512_15 Datasheet HTML 4Page - Analog Devices ADR512_15 Datasheet HTML 5Page - Analog Devices ADR512_15 Datasheet HTML 6Page - Analog Devices ADR512_15 Datasheet HTML 7Page - Analog Devices ADR512_15 Datasheet HTML 8Page - Analog Devices ADR512_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADR512
Rev. A | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
1.204
1.203
1.202
1.201
1.200
1.199
1.198
1.197
1.196
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 3. Typical VOUT vs. Temperature
TIME (100µs/DIV)
VIN = 2V/DIV
VOUT = 1V/DIV
Figure 4. Turn On Time
TIME (100µs/DIV)
VIN = 2V/DIV
VOUT = 1V/DIV
Figure 5. Turn On Time with 1 μF Input Capacitor
TIME (400µs/DIV)
VIN = 2V/DIV
VOUT = 1V/DIV
Figure 6. Turn Off Time
TIME (200µs/DIV)
VIN = 2V/DIV
VOUT = 1V/DIV
Figure 7. Turn Off Time with 1 μF Input Capacitor
TIME (2µs/DIV)
ΔIIN = 100µA
VOUT = 20mV/DIV
Figure 8. Output Response to 100 μA Input Current Change


유사한 부품 번호 - ADR512_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR512ART-R2 AD-ADR512ART-R2 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ART-REEL7 AD-ADR512ART-REEL7 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results

유사한 설명 - ADR512_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com