전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1306 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SD1306
상세설명  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1306 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SD1306_15 Datasheet HTML 1Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 2Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 3Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 4Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 5Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 6Page - Renesas Technology Corp 2SD1306_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SD1306
Preliminary
R07DS0280EJ0400 Rev.4.00
Page 5 of 6
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.011
Previous Code
RENESAS Code
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
JEITA Package Code
SC-59A
© 2013 Renesas Electronics Corporation. All rights reserved.
D
e
A
AA
b
xS
A
M
E
HE
A
A2
A1
S
b
A-A Section
c
Qc
L
L1
LP
A3
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05


유사한 부품 번호 - 2SD1306_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SD1306 RENESAS-2SD1306_11 Datasheet
109Kb / 7P
   Silicon NPN Epitaxial
More results

유사한 설명 - 2SD1306_15

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com