전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54A 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BAT54A
상세설명  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54A 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT54A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
Features
Low forward voltage
Guard ring protected
Small plastic SMD package.
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Maximum Repetitive Reverse Voltage
VRRM
30
V
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
d
e
if
it
c
e
R
e
g
a
r
e
v
A
F(AV)
200
mA
Non-repetitive Peak Forward Surge Current
Pulse width = 1.0 second
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
200
mW
Thermal Resistance, Junction to Ambient
RθJA
430
W
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to +150
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
J
150
IFSM
600
mA
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Breakdown Voltage
VR
IR = 100 A
30
V
IF
V
m
0
4
2
A
m
1
.
0
=
IF
V
m
0
2
3
A
m
1
=
IF
V
m
0
0
4
A
m
0
1
=
IF
V
m
0
0
5
A
m
0
3
=
IF
V
8
.
0
A
m
0
0
1
=
I
t
n
e
r
r
u
C
e
s
r
e
v
e
R
R
VR
2
V
5
2
=
A
Total Capacitance
CT
VR
F
p
0
1
z
H
M
0
.
1
=
f
,
V
1
=
Reverse Recovery Time
trr
IF = IR = 10 mA, IRR = 1.0 mA,RL
s
n
5
Ω
0
0
1
=
V
e
g
a
tl
o
V
d
r
a
w
r
o
F
F
Marking
TYPE
BAT54-HF
BAT54A-HF
BAT54C-HF
BAT54S-HF
Marking
L4
L42 F or KL2 F
L43 F or KL3 F
L44 F or KL4 F
S
4
5
T
A
B
C
4
5
T
A
B
A
4
5
T
A
B
4
5
T
A
B
Schottky Diodes
BAT54/A/C/S-HF (KAT54/A/C/S-HF)
SMD Type
Diodes
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
F


유사한 부품 번호 - BAT54A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
BAT54A KEC-BAT54A Datasheet
29Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
Shenzhen Luguang Electr...
BAT54A LUGUANG-BAT54A Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
More results

유사한 설명 - BAT54A

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com