전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSULCXXDT3 데이터시트(PDF) 2 Page - Yea Shin Technology Co., Ltd

부품명 YSULCXXDT3
상세설명  ULTRA LOW CAPACITANCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSULCXXDT3 데이터시트(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSULCXXDT3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSULCXXDT3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSULCXXDT3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DEVICE CHARACTERISTICS
http://www.yeashin.com
2
REV.03 20120905
YSULCxxDT3
(V)
(V)
@1A
@5A
(µA)
(max.) (min.)
(mA)
(max.) (max.) (max.)
PART NUMBER
DEVICE
MARKING
VRWM
PARAMETER
Storage Temperature Range
VC
IT
TL
260 (10 sec.)
VB
300
Watts
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
PPP
7.5
13.0
-55 ~ 150
TSTG
N03
3.3
4.0
1
IR
VC
CT
(pF)
(typ.)
YSULC03DT3
0.6
YSULC05DT3
N05
5.0
6.0
40
0.6
0.6
YSULC08DT3
N08
8.0
8.5
1
13.5
19.0
1
13.3
1
9.8
5
19.0
28.0
1
17.0
1
0.6
YSULC12DT3
N12
12.0
YSULC15DT3
N15
15.0
16.7
1
0.6
1
24.0
35.0
1
YSULC24DT3
N24
24.0
26.7
43.0
60.0
1
0.6
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)


유사한 부품 번호 - YSULCXXDT3

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSULCXX04P10 YEASHIN-YSULCXX04P10 Datasheet
1Mb / 4P
   DEVICE CHARACTERISTICS
More results

유사한 설명 - YSULCXXDT3

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
ON Semiconductor
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
   Ultra Low Capacitance TVS Arrays
logo
Pan Jit International I...
PJGBLC15C-AU PANJIT-PJGBLC15C-AU Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com