전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP4672 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 BCP4672
상세설명  NPN Epitaxial Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP4672 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP4672_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP4672_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCP4672
2A, 60V
NPN Epitaxial Silicon Transistor
Elektronische Bauelemente
10-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The BCP4672 is designed for low frequency amplifier applications.
MARKING
CLASSIFICATION OF hFE
Product Rank
BCP4672-A
BCP4672-B
Range
120~240
200~400
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
2
A
Collector Current (Pulse)
5
Total Power Dissipation
PD
2
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
60
-
-
V
IC= 50A, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
50
-
-
V
IC= 1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
6
-
-
V
IE= 50A, IC=0
Collector cut-off current
ICBO
-
-
100
nA
VCB= 60V, IE=0
Emitter cut-off current
IEBO
-
-
100
nA
VEB= 5V, IC=0
Collector-emitter saturation voltage
VCE(sat)*
-
0.1
0.35
V
IC= -1A, IB= 50mA
DC current gain
hFE*
120
-
400
VCE= 2V, IC= 500mA
Transition frequency
fT
-
210
-
MHz
VCE= 2V, IC= 500mA, f=100MHz
Collector output capacitance
Cob
-
25
-
pF
VCB= 10V, IE=0, f=1MHz
*Measured under pulse condition. Pulse width≦380μs, Duty Cycle≦2%.
A
E
C
D
B
K
H
F
G
L
J
1 2 3
4
SOT-89
4 6 7 2

Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2


유사한 부품 번호 - BCP4672_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCP4672 SECOS-BCP4672 Datasheet
217Kb / 2P
   NPN Epitaxial Silicon Transistor
More results

유사한 설명 - BCP4672_15

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com