전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV473 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADV473
상세설명  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV473 데이터시트(HTML) 2 Page - Analog Devices

  ADV473_15 Datasheet HTML 1Page - Analog Devices ADV473_15 Datasheet HTML 2Page - Analog Devices ADV473_15 Datasheet HTML 3Page - Analog Devices ADV473_15 Datasheet HTML 4Page - Analog Devices ADV473_15 Datasheet HTML 5Page - Analog Devices ADV473_15 Datasheet HTML 6Page - Analog Devices ADV473_15 Datasheet HTML 7Page - Analog Devices ADV473_15 Datasheet HTML 8Page - Analog Devices ADV473_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADV473–SPECIFICATIONS
(VAA
1 = 5 V; V
REF = 1.235 V; RL = 37.5
Ω, C
L = 10 pF; RSET = 140
Ω.
All specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
All Versions
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (Each DAC)
8
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Gray Scale Error
±5
% Gray Scale
External Reference
±10
% Gray Scale
Internal Reference
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
7
pF max
f = 1 MHz, VIN = 2.4 V
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 3.2 mA
Floating-State Leakage Current
50
µA max
Floating-State Leakage Capacitance
7
pF max
ANALOG OUTPUTS
Gray Scale Current Range
20
mA max
Output Current
White Level Relative to Black
16.74
mA min
Typically 17.62 mA
18.50
mA max
Black Level Relative to Blank
0.95
mA min
Typically 1.44 mA
(Pedestal = 7.5 IRE)
1.90
mA max
Black Level Relative to Blank
0
µA min
Typically 5
µA
(Pedestal = 0 IRE)
50
µA max
Blank Level
6.29
mA min
Typically 7.62 mA
8.96
mA max
Sync Level
0
µA min
Typically 5
µA
50
µA max
LSB Size
69.1
µA typ
DAC-to-DAC Matching
2
% max
Typically 1%
Output Compliance, VOC
0
V min
+1.5
V max
Output Capacitance, COUT
30
pF max
f = 1 MHz, IOUT = 0 mA
Output Impedance, ROUT
10
k
Ω typ
VOLTAGE REFERENCE
Internal Voltage Reference (VREFOUT)
1.08/1.32
V min/V max
Typically 1.235 V
External Voltage Reference Range
1.14/1.26
V min/V max
Typically 1.235 V
Input Current, IVREF (Internal Reference)
100
µA typ
Input Current (External Reference)
10
µA typ
POWER SUPPLY
Supply Voltage, VAA
4.75/5.25
V min/V max
Supply Current, IAA
3
400
mA max
135 MHz Parts
300
mA max
110 MHz Parts
250
mA max
80 MHz Parts
200
mA max
66 MHz Parts
DYNAMIC PERFORMANCE
Clock and Data Feedthrough
4, 5
–30
dB typ
Glitch Impulse
4, 5
75
pV secs typ
DAC-to-DAC Crosstalk
6
–23
dB typ
NOTES
1V
AA = 5 V ± 5%
2Temperature range (T
MIN to TMAX); 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C.
3Pixel Port is continuously clocked with data corresponding to a linear ramp.
4Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured at the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
6DAC to DAC Crosstalk is measured by holding one DAC high while the other two are making low to high and high to low transitions.
Specifications subject to change without notice.


유사한 부품 번호 - ADV473_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV473KP110 AD-ADV473KP110 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP135 AD-ADV473KP135 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP66 AD-ADV473KP66 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP80 AD-ADV473KP80 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
More results

유사한 설명 - ADV473_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com