전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7162 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADV7162
상세설명  96-Bit, 220 MHz True-Color Video RAM-DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7162 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADV7162_15 Datasheet HTML 4Page - Analog Devices ADV7162_15 Datasheet HTML 5Page - Analog Devices ADV7162_15 Datasheet HTML 6Page - Analog Devices ADV7162_15 Datasheet HTML 7Page - Analog Devices ADV7162_15 Datasheet HTML 8Page - Analog Devices ADV7162_15 Datasheet HTML 9Page - Analog Devices ADV7162_15 Datasheet HTML 10Page - Analog Devices ADV7162_15 Datasheet HTML 11Page - Analog Devices ADV7162_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
REV. 0
–8–
ADV7160/ADV7162
t10
AN ...
DN
AN+1 ...
DN+1
AN+2 ...
DN+2
DIGITAL
INPUT
TO ANALOG
OUTPUT
PIPELINE
AN+2 ... DN+2
AN+1 ... DN+1
AN ... DN
AN–1 ... DN–1
tPD
CLOCK
LOADOUT
LOADIN
PIXEL
INPUT
DATA
ANALOG
OUTPUT
DATA
(IOR, IOG, IOB,
SYNCOUT)
Figure 7. Pixel Input to Analog Output Pipeline with Minimum LOADOUT to LOADIN Delay (4:1 Multiplex Mode)
AN ...
DN
AN+1 ...
DN+1
AN+2 ...
DN+2
DIGITAL
INPUT
TO ANALOG
OUTPUT
PIPELINE
AN+2 ... DN+2
AN+1 ... DN+1
AN ... DN
AN–1 ... DN–1
tPD
CLOCK
LOADOUT
LOADIN
PIXEL
INPUT
DATA
τ
τ-t
11
ANALOG
OUTPUT
DATA
(IOR, IOG, IOB,
SYNCOUT)
Figure 8. Pixel Input to Analog Output Pipeline with Maximum LOADOUT to LOADIN Delay (4:1 Multiplex Mode)


유사한 부품 번호 - ADV7162_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7162KS140 AD-ADV7162KS140 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS170 AD-ADV7162KS170 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS220 AD-ADV7162KS220 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results

유사한 설명 - ADV7162_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com