전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7176A 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7176A
상세설명  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7176A 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7176A_15 Datasheet HTML 7Page - Analog Devices ADV7176A_15 Datasheet HTML 8Page - Analog Devices ADV7176A_15 Datasheet HTML 9Page - Analog Devices ADV7176A_15 Datasheet HTML 10Page - Analog Devices ADV7176A_15 Datasheet HTML 11Page - Analog Devices ADV7176A_15 Datasheet HTML 12Page - Analog Devices ADV7176A_15 Datasheet HTML 13Page - Analog Devices ADV7176A_15 Datasheet HTML 14Page - Analog Devices ADV7176A_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
ADV7175A/ADV7176A
–11–
REV. C
compatible with worldwide standards. The 4:2:2 YUV video
data is interpolated to two times the pixel rate. The color-
difference components (UV) are quadrature modulated using
a subcarrier frequency generated by an on-chip 32-bit digital
synthesizer (also running at two times the pixel rate). The two
times pixel rate sampling allows for better signal-to-noise-ratio.
A 32-bit DDS with a 10-bit look-up table produces a superior
subcarrier in terms of both frequency and phase. In addition to
the composite output signal, there is the facility to output S-
Video (Y/C) video, YUV or RGB video. The Y/C, YUV or RGB
format is simultaneously available at the analog outputs with the
composite video signal.
Each analog output is capable of driving the full video-level
(35 mA) signal into an unbuffered, doubly terminated 75
load. With external buffering, the user has the additional option
to scale back the DAC output current to 5 mA min, thereby signifi-
cantly reducing the power dissipation of the device.
The ADV7175A/ADV7176A also supports both PAL and NTSC
square pixel operation.
The output video frames are synchronized with the incoming
data timing reference codes. Optionally the encoder accepts
(and can generate)
HSYNC, VSYNC and FIELD timing signals.
These timing signals can be adjusted to change pulsewidth and
position while the part is in the master mode. The encoder
requires a single two times pixel rate (27 MHz) clock for standard
operation. Alternatively, the encoder requires a 24.5454 MHz
clock for NTSC or 29.5 MHz clock for PAL square pixel
mode operation. All internal timing is generated on-chip.
A separate teletext port enables the user to directly input teletext
data during the vertical blanking interval.
The ADV7175A/ADV7176A modes are set up over a two-wire
serial bidirectional port (I
2C Compatible) with two slave addresses.
Functionally the ADV7175A and ADV7176A are the same with
the exception that the ADV7175A can output the Macrovision
anticopy algorithm.
The ADV7175A/ADV7176A is packaged in a 44-lead thermally
enhanced MQFP package.
DATA PATH DESCRIPTION
For PAL B, D, G, H, I, M, N and NTSC M modes, YCrCb
4:2:2 data is input via the CCIR-656 compatible pixel port at a
27 MHz Data Rate. The pixel data is demultiplexed to from
three data paths. Y typically has a range of 16 to 235, Cr and
Cb typically have a range of 128
± 112; however, it is pos-
sible to input data from 1 to 254 on both Y, Cb and Cr. The
ADV7175A/ADV7176A supports PAL (B, D, G, H, I, N, M)
and NTSC (with and without Pedestal) standards. The appropri-
ate SYNC, BLANK and Burst levels are added to the YCrCb
data. Macrovision antitaping (ADV7175A only), closed caption-
ing and teletext levels are also added to Y, and the resultant
data is interpolated to a rate of 27 MHz. The interpolated data
is filtered and scaled by three digital FIR filters.
The U and V signals are modulated by the appropriate subcarrier
sine/cosine phases and added together to make up the chromi-
nance signal. The luma (Y) signal can be delayed 1–3 luma
cycles (each cycle is 74 ns) with respect to the chroma signal.
The luma and chroma signals are then added together to make
up the composite video signal. All edges are slew rate limited.
The YCrCb data is also used to generate RGB data with
appropriate SYNC and BLANK levels. The RGB data is in
synchronization with the composite video output. Alternatively
analog YUV data can be generated instead of RGB.
The four 10-bit DACs can be used to output:
1. Composite Video + RGB Video.
2. Composite Video + YUV Video
3. Two Composite Video Signals + LUMA and CHROMA
3. (Y/C) Signals.
Alternatively, each DAC can be individually powered off if
not required.
Video output levels are illustrated in Appendix 4 and Appendix 5.
INTERNAL FILTER RESPONSE
The Y filter supports several different frequency responses,
including two 4.5 MHz/5.0 MHz low pass responses, PAL/
NTSC subcarrier notch responses and a PAL/NTSC extended
response. The U and V filters have a 2/2.4 MHz low-pass
response for NTSC/PAL. These filter characteristics are illus-
trated in Figures 4 to 12.
MR04
MR03
NTSC
0
0
2.3
0.026
7.0
>54
4.2
PAL
0
0
3.4
0.098
7.3
>50
5.0
NTSC
0
1
1.0
0.085
3.57
>27.6
2.1
PAL
0
1
1.4
0.107
4.43
>29.3
2.7
NTSC/PAL
1
0
4.0
0.150
7.5
>40
5.65
NTSC
1
1
2.3
0.054
7.0
>54
4.2
PAL
1
1
3.4
0.106
7.3
>50.3
5.0
FILTER SELECTION
F3dB
PASSBAND
CUTOFF (MHz)
STOPBAND
CUTOFF (MHz)
PASSBAND
RIPPLE (dB)
STOPBAND
ATTENUATION (dB)
Figure 4. Luminance Internal Filter Specifications
NTSC
1.0
0.085
3.2
>40
0.3
2.05
PAL
1.3
0.04
4.0
>40
0.02
2.45
FILTER SELECTION
F3dB
PASSBAND
CUTOFF (MHz)
STOPBAND
CUTOFF (MHz)
PASSBAND
RIPPLE (dB)
STOPBAND
ATTENUATION (dB)
ATTENUATION @
1.3MHz (dB)
Figure 5. Chrominance Internal Filter Specifications
(Continued from page 1)


유사한 부품 번호 - ADV7176A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7176AKS AD-ADV7176AKS Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
More results

유사한 설명 - ADV7176A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com