전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7180 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADV7180
상세설명  10-Bit, 4 Oversampling SDTV Video Decoder
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7180 데이터시트(HTML) 5 Page - Analog Devices

  ADV7180_15 Datasheet HTML 1Page - Analog Devices ADV7180_15 Datasheet HTML 2Page - Analog Devices ADV7180_15 Datasheet HTML 3Page - Analog Devices ADV7180_15 Datasheet HTML 4Page - Analog Devices ADV7180_15 Datasheet HTML 5Page - Analog Devices ADV7180_15 Datasheet HTML 6Page - Analog Devices ADV7180_15 Datasheet HTML 7Page - Analog Devices ADV7180_15 Datasheet HTML 8Page - Analog Devices ADV7180_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
Data Sheet
ADV7180
INTRODUCTION
The ADV7180 is a versatile one-chip multiformat video decoder
that automatically detects and converts PAL, NTSC, and SECAM
standards in the form of composite, S-Video, and component
video into a digital ITU-R BT.656 format.
The simple digital output interface connects gluelessly to a wide
range of MPEG encoders, codecs, mobile video processors, and
Analog Devices digital video encoders, such as the ADV7391.
External HS, VS, and FIELD signals provide timing references
for LCD controllers and other video ASICs that do not support the
ITU-R BT.656 interface standard. The different package options
available for the ADV7180 are shown in Table 2.
ANALOG FRONT END
The ADV7180 analog front end comprises a single high speed,
10-bit analog-to-digital converter (ADC) that digitizes the
analog video signal before applying it to the standard definition
processor. The analog front end employs differential channels to
the ADC to ensure high performance in mixed-signal applications.
The front end also includes a 3-channel input mux that enables
multiple composite video signals to be applied to the ADV7180.
Current clamps are positioned in front of the ADC to ensure
that the video signal remains within the range of the converter.
A resistor divider network is required before each analog input
channel to ensure that the input signal is kept within the range
of the ADC (see Figure 29). Fine clamping of the video signal
is performed downstream by digital fine clamping within the
ADV7180.
Table 1 shows the three ADC clocking rates that are determined by
the video input format to be processed—that is, INSEL[3:0].
These clock rates ensure 4× oversampling per channel for CVBS
mode and 2× oversampling per channel for Y/C and YPrPb modes.
Table 1. ADC Clock Rates
Input Format
ADC Clock Rate (MHz)1
Oversampling
Rate per Channel
CVBS
57.27
Y/C (S-Video)2
86
YPrPb
86
1
Based on a 28.6363 MHz crystal between the XTAL and XTAL1 pins.
2
See INSEL[3:0] in Table 107 for the mandatory write for Y/C (S-Video) mode.
STANDARD DEFINITION PROCESSOR
The ADV7180 is capable of decoding a large selection of baseband
video signals in composite, S-Video, and component formats.
The video standards supported by the video processor include
PAL B/D/I/G/H, PAL 60, PAL M, PAL N, PAL Nc, NTSC M/J,
NTSC 4.43, and SECAM B/D/G/K/L. The ADV7180 can auto-
matically detect the video standard and process it accordingly.
The ADV7180 has a five-line, superadaptive, 2D comb filter
that gives superior chrominance and luminance separation
when decoding a composite video signal. This highly adaptive filter
automatically adjusts its processing mode according to the video
standard and signal quality without requiring user intervention.
Video user controls such as brightness, contrast, saturation, and
hue are also available with the ADV7180.
The ADV7180 implements a patented ADLLT™ algorithm to
track varying video line lengths from sources such as a VCR.
ADLLT enables the ADV7180 to track and decode poor quality
video sources such as VCRs and noisy sources from tuner outputs,
VCD players, and camcorders. The ADV7180 contains a chroma
transient improvement (CTI) processor that sharpens the edge
rate of chroma transitions, resulting in sharper vertical transitions.
The video processor can process a variety of VBI data services,
such as closed captioning (CCAP), wide screen signaling (WSS),
copy generation management system (CGMS), EDTV, Gemstar®
1×/2×, and extended data service (XDS). Teletext data slicing
for world standard teletext (WST), along with program delivery
control (PDC) and video programming service (VPS), are
provided. Data is transmitted via the 8-bit video output port as
ancillary data packets (ANC). The ADV7180 is fully Macrovision®
certified; detection circuitry enables Type I, Type II, and Type III
protection levels to be identified and reported to the user. The
decoder is also fully robust to all Macrovision signal inputs.
Table 2. ADV7180 Selection Guide
Part Number1
Package Type
Analog Inputs
Digital Outputs
Temperature Grade
ADV7180KCP32Z
32-lead LFCSP
3
8-bit
−10°C to +70°C
ADV7180WBCP32Z (Automotive)
32-lead LFCSP
3
8-bit
−40°C to +85°C
ADV7180BCPZ
40-lead LFCSP
3
8-bit
−40°C to +85°C
ADV7180WBCPZ (Automotive)
40-lead LFCSP
3
8-bit
−40°C to +125°C
ADV7180BSTZ
64-lead LQFP
6
8-bit/16-bit
−40°C to +85°C
ADV7180WBSTZ (Automotive)
64-lead LQFP
6
8-bit/16-bit
−40°C to +125°C
ADV7180WBST48Z (Automotive)
48-lead LQFP
6
8-bit
−40°C to +85°C
1
W = Automotive qualification completed.
Rev. J | Page 5 of 114


유사한 부품 번호 - ADV7180_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

유사한 설명 - ADV7180_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
   10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
   10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com