전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7194 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADV7194
상세설명  Video Encoder with 54 MHz Oversampling
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7194 데이터시트(HTML) 1 Page - Analog Devices

  ADV7194_15 Datasheet HTML 1Page - Analog Devices ADV7194_15 Datasheet HTML 2Page - Analog Devices ADV7194_15 Datasheet HTML 3Page - Analog Devices ADV7194_15 Datasheet HTML 4Page - Analog Devices ADV7194_15 Datasheet HTML 5Page - Analog Devices ADV7194_15 Datasheet HTML 6Page - Analog Devices ADV7194_15 Datasheet HTML 7Page - Analog Devices ADV7194_15 Datasheet HTML 8Page - Analog Devices ADV7194_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7194
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Professional
Extended-10
Video Encoder with 54 MHz Oversampling
SIMPLIFIED BLOCK DIAGRAM
I2C INTERFACE
CHROMA
LPF
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
2
OVERSAMPLING
4
OVERSAMPLING
OR
ADV7194
SSAF
LPF
LUMA
LPF
COMPOSITE VIDEO
Y [S-VIDEO]
C [S-VIDEO]
RGB
YUV
YPrPb
TV SCREEN
OR
PROGRESSIVE
SCAN DISPLAY
COLOR CONTROL
DNR
GAMMA
CORRECTION
VBI
TELETEXT
CLOSED CAPTION
CGMS/WSS
DEMUX
AND
YCrCb-
TO-
YUV
MATRIX
PLL
AND
54MHz
VIDEO
INPUT
PROCESSING
VIDEO
OUTPUT
PROCESSING
VIDEO
SIGNAL
PROCESSING
ANALOG
OUTPUT
27MHz
CLOCK
ITU–R.BT
656/601
10-BIT YCrCb
IN 4:2:2 FORMAT
DIGITAL
INPUT
Extended-10 is a trademark of Analog Devices, Inc. This technology combines 10-bit conversion, 10-bit digital video data processing, and 10-bit external interfacing.
SSAF is a trademark of Analog Devices Inc.
ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
I
2C is a registered trademark of Philips Corporation.
FEATURES
10-Bit Extended CCIR-656 Input Data Port
Six High-Quality 10-Bit Video DACs
10-Bit Internal Digital Video Processing
Multistandard Video Input
Multistandard Video Output
4
Oversampling with Internal 54 MHz PLL
Programmable Video Control Includes:
Digital Noise Reduction
Gamma Correction
Black Burst
LUMA Delay
CHROMA Delay
Multiple Luma and Chroma Filters
Luma SSAF™ (Super Sub-Alias Filter)
Average Brightness Detection
Field Counter
CGMS (Copy Generation Management System)
WSS (Wide Screen Signaling)
Closed Captioning Support
Teletext Insertion Port (PAL-WST)
2-Wire Serial MPU Interface (I2C Compatible and
Fast I2C)
Supply Voltage 5 V and 3.3 V Operation
80-Lead LQFP Package
GENERAL DESCRIPTION
The ADV7194 is part of the new generation of video encoders
from Analog Devices. The device builds on the performance of
previous video encoders and provides new features like inter-
facing progressive scan devices, digital noise reduction, gamma
correction, 4
× oversampling and 54 MHz operation, average
brightness detection, black burst signal generation, chroma delay,
an additional Chroma Filter, etc.
The ADV7194 supports NTSC-M, NTSC-N (Japan), PAL N,
PAL-B/D/G/H/I and PAL-60 standards. Input standards sup-
ported include ITU-R.BT656 4:2:2 YCrCb in 8-, 10-, 16- or
20-bit format and 3
× 10-bit YCrCb progressive scan format.
The ADV7194 can output composite video (CVBS), S-Video
(Y/C), Component YUV or RGB and analog progressive scan in
YPrPb format. The analog component output is also compatible
with Betacam, MII and SMPTE/EBU N10 levels, SMPTE 170M
NTSC and ITU-R.BT 470 PAL.
For more information about the ADV7194’s features refer to
Detailed Description of Features section.
APPLICATIONS
Professional DVD Playback Systems
PC Video/Multimedia Playback Systems
Progressive Scan Playback Systems
Professional Studio Equipment


유사한 부품 번호 - ADV7194_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7194KST AD-ADV7194KST Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
More results

유사한 설명 - ADV7194_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
REYFA FARADAY-REYFA Datasheet
71Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com