전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7314 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADV7314
상세설명  Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7314 데이터시트(HTML) 5 Page - Analog Devices

  ADV7314_15 Datasheet HTML 1Page - Analog Devices ADV7314_15 Datasheet HTML 2Page - Analog Devices ADV7314_15 Datasheet HTML 3Page - Analog Devices ADV7314_15 Datasheet HTML 4Page - Analog Devices ADV7314_15 Datasheet HTML 5Page - Analog Devices ADV7314_15 Datasheet HTML 6Page - Analog Devices ADV7314_15 Datasheet HTML 7Page - Analog Devices ADV7314_15 Datasheet HTML 8Page - Analog Devices ADV7314_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
REV. 0
ADV7314
–5–
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
65.6
dB
Luma Ramp Unweighted
SNR
72
dB
Flat Field Full Bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
STANDARD DEFINITION MODE
Hue Accuracy
0.44
Color Saturation Accuracy
0.20
%
Chroma Nonlinear Gain
0.84
±%Referenced to 40 IRE
Chroma Nonlinear Phase
–0.2
±∞
Chroma/Luma Intermodulation
0
±%
Chroma/Luma Gain Inequality
97.5
±%
Chroma/Luma Delay Inequality
0
ns
Luminance Nonlinearity
0.1
±%
Chroma AM Noise
84
dB
Chroma PM Noise
75.3
dB
Differential Gain
0.09
%
NTSC
Differential Phase
0.12
NTSC
SNR
63.5
dB
Luma Ramp
SNR
77.7
dB
Flat Field Full Bandwidth
(VAA = 2.375 V–2.625 V, VDD = 2.375 V–2.625 V; VDD_IO = 2.375 V–3.6 V, VREF = 1.235 V, RSET =
3040
, RLOAD = 150
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)
Specifications subject to change without notice.


유사한 부품 번호 - ADV7314_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7314KST AD-ADV7314KST Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results

유사한 설명 - ADV7314_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com