전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXRS401 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADXRS401
상세설명  75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXRS401 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADXRS401_15 Datasheet HTML 4Page - Analog Devices ADXRS401_15 Datasheet HTML 5Page - Analog Devices ADXRS401_15 Datasheet HTML 6Page - Analog Devices ADXRS401_15 Datasheet HTML 7Page - Analog Devices ADXRS401_15 Datasheet HTML 8Page - Analog Devices ADXRS401_15 Datasheet HTML 9Page - Analog Devices ADXRS401_15 Datasheet HTML 10Page - Analog Devices ADXRS401_15 Datasheet HTML 11Page - Analog Devices ADXRS401_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXRS401
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
AGND
TEMP
ST2
ST1
PGND
CP1
CP2
CP4
RATEOUT
CP4
PDD
CMID
SUMJ
COUT = 22nF
2.5V
6A
5A
4A
3A
2A
1B
1C
1D
1E
1F
7B
7C
7D
7E
7F
6G
5G
4G
3G
2G
CP5
CP3
100nF
22nF
AVCC
100nF
100nF
PGND
22nF
1
µF
5V
Figure 14. Example Application Circuit (Top View)
Note that inner rows/columns of pins have been omitted for clarity but should be connected in the application.
The ADXRS401 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame,
which is electrostatically driven to resonance. This produces the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion.
The resulting signal is fed to a series of gain and demodulation
stages that produce the electrical rate signal output. The dual-
sensor design rejects external g-forces and vibration.
Fabricating the sensor with the signal conditioning electronics
preserves signal integrity in noisy environments.
The electrostatic resonator requires 14 V to 16 V for operation.
Since only 5 V is typically available in most applications, a
charge pump is included on-chip. If an external 14 V to 16 V
supply is available, the two capacitors on CP1 to CP4 can be
omitted and this supply can be connected to CP5 (Pin 7D) with
a 1 µF decoupling capacitor.
After the demodulation stage there is a single-pole low-pass
filter consisting of an internal 9 kΩ resistor (RSEN1) and an
external user-supplied capacitor (CMID). A CMID capacitor of
100 nF sets a 400 Hz low-pass pole ± 35% and is used to limit
high frequency artifacts before final amplification. A bandwidth
limit capacitor, COUT, sets the pass bandwidth (see Setting
Bandwidth section).
SUPPLY AND COMMON CONSIDERATIONS
Only power supplies used for supplying analog circuits are
recommended for powering the ADXRS401. High frequency
noise and transients associated with digital circuit supplies may
have adverse affects on device operation. 1 µF shows the
recommended connections for the ADXRS401 where both
AVCC and PDD have a separate decoupling capacitor. These
should be placed as close to their respective pins as possible
before routing to the system analog supply. This will minimize
the noise injected by the charge pump that uses the PDD supply.
It is also recommended to place the charge pump capacitors
connected to the CP1 to CP4 pins as close to the part as
possible. These capacitors are used to produce the on-chip high
voltage supply switched at the dither frequency at
approximately 14 kHz. Care should be taken to ensure that
there is no more than 50 pF of stray capacitance between CP1
to CP4 and ground. Surface-mount chip capacitors are suitable
as long as they are rated for over 15 V.


유사한 부품 번호 - ADXRS401_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS401ABG AD-ADXRS401ABG Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS401ABG-REEL AD-ADXRS401ABG-REEL Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS401EB AD-ADXRS401EB Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
More results

유사한 설명 - ADXRS401_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com