전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP183 데이터시트(PDF) 11 Page - Analog Devices

부품명 OP183
상세설명  5 MHz Single-Supply Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP183 데이터시트(HTML) 11 Page - Analog Devices

Back Button OP183_15 Datasheet HTML 7Page - Analog Devices OP183_15 Datasheet HTML 8Page - Analog Devices OP183_15 Datasheet HTML 9Page - Analog Devices OP183_15 Datasheet HTML 10Page - Analog Devices OP183_15 Datasheet HTML 11Page - Analog Devices OP183_15 Datasheet HTML 12Page - Analog Devices OP183_15 Datasheet HTML 13Page - Analog Devices OP183_15 Datasheet HTML 14Page - Analog Devices OP183_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP183
Rev. D | Page 11 of 16
90
50
30
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
70
40
20
0
100
60
80
TA = 25°C
VS = ±15V
AV = 10
AV = 1
Figure 29. Small Signal Performance @ ±15 V
Figure 26. Closed-Loop Output Impedance vs. Frequency
NEGATIVE
EDGE
POSITIVE
EDGE
80
70
60
50
40
30
20
10
0
0
100
200
300
CAPACITANCE (pF)
TA = 25°C
VS = 5V
RL = 10kΩ
Figure 30. 0.1 Hz to 10 Hz Noise @ ±2.5 V
Figure 27. Small Signal Overshoot vs. Load Capacitance
Figure 28. Large Signal Performance @ ±15 V
Figure 31. 0.1 Hz to 10 Hz Noise @ ±15 V


유사한 부품 번호 - OP183_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP183GP AD-OP183GP Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183GS AD-OP183GS Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183GS-REEL AD-OP183GS-REEL Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
More results

유사한 설명 - OP183_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183 AD-OP183 Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com