전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP184 데이터시트(PDF) 4 Page - Analog Devices

부품명 OP184
상세설명  Precision Rail-to-Rail Input and Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP184 데이터시트(HTML) 4 Page - Analog Devices

  OP184_15 Datasheet HTML 1Page - Analog Devices OP184_15 Datasheet HTML 2Page - Analog Devices OP184_15 Datasheet HTML 3Page - Analog Devices OP184_15 Datasheet HTML 4Page - Analog Devices OP184_15 Datasheet HTML 5Page - Analog Devices OP184_15 Datasheet HTML 6Page - Analog Devices OP184_15 Datasheet HTML 7Page - Analog Devices OP184_15 Datasheet HTML 8Page - Analog Devices OP184_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 4 of 24
VS = 3.0 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage, OP184/OP284E Grade1
VOS
65
μV
−40°C ≤ TA ≤ +125°C
165
μV
Offset Voltage, OP184/OP284F Grade1
VOS
125
μV
−40°C ≤ TA ≤ +125°C
350
μV
Offset Voltage, OP484E Grade1
VOS
100
μV
–40°C ≤ TA ≤ +125°C
200
μV
Offset Voltage, OP484F Grade1
VOS
150
μV
–40°C ≤ TA ≤ +125°C
450
μV
Input Bias Current
IB
60
450
nA
−40°C ≤ TA ≤ +125°C
600
nA
Input Offset Current
IOS
−40°C ≤ TA ≤ +125°C
50
nA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
60
dB
VCM = 0 V to 3 V, −40°C ≤ TA ≤ +125°C
56
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
2.80
V
Output Voltage Low
VOL
IL = 1.0 mA
125
mV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.25 V to ±1.75 V
76
dB
Supply Current/Amplifier
ISY
VO = 1.5 V, −40°C ≤ TA ≤ +125°C
1.35
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
3
MHz
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
3.9
nV/√Hz
1
Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.


유사한 부품 번호 - OP184_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP184EP AD-OP184EP Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184EP AD-OP184EP Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results

유사한 설명 - OP184_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com