전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0201S 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 N0201S
상세설명  NPN SILICON EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0201S 데이터시트(HTML) 2 Page - Renesas Technology Corp

  N0201S_15 Datasheet HTML 1Page - Renesas Technology Corp N0201S_15 Datasheet HTML 2Page - Renesas Technology Corp N0201S_15 Datasheet HTML 3Page - Renesas Technology Corp N0201S_15 Datasheet HTML 4Page - Renesas Technology Corp N0201S_15 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N0201S
R07DS0719EJ0100
Rev.1.00
Page 2 of 5
Mar 30, 2012
TYPICAL CHARACTERISTICS (Ta = 25C)
DERATING FACTOR FORWARD BIAS
SAFE OPERATING AREA
0
20
40
60
80
100
120
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
SAFE OPERATING AREA
0.01
0.1
1
10
100
10
1
1 ms
10 ms
100 ms
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0.01
0.02
0.03
0.04
0
02468
10
VCE - Collector to Emitter Voltage - (V)
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
0.2
0.4
0.6
0.8
1
0
0.4
0.8
1.2
1.6
2
IB = 10
μA
20
30
40
50
60
70
80
90
100
1.0
1.5
2.0
2.5
3.5
3.0
4.0
4.5
5.0
IB = 0.5 mA
IC - Collector Current - (A)
10
100
1000
0.001
0.01
0.1
1
10
VCE = 1 V
Pulsed
125˚C
25˚C
25˚C
DC CURRENT GAIN vs.
COLLECTOR CURRENT
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
VBE(sat)
VCE(sat)
IC = 10
IB
IC - Collector Current - (A)
Ta = 25˚C
Single pulse


유사한 부품 번호 - N0201S_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0201S-T1-AT RENESAS-N0201S-T1-AT Datasheet
103Kb / 5P
   NPN SILICON EPITAXIAL TRANSISTOR
More results

유사한 설명 - N0201S_15

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com