전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC600SINE 데이터시트(PDF) 3 Page - Tripp Lite. All Rights Reserved

부품명 BC600SINE
상세설명  PC Personal 120V 600VA 375W Standby UPS with Pure Sine Wave Output, Tower, 6 Outlets
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BC600SINE 데이터시트(HTML) 3 Page - Tripp Lite. All Rights Reserved

  BC600SINE_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BC600SINE_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BC600SINE_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BC600SINE_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved BC600SINE_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Battery Recharge Rate (Included
Batteries)
Less than 9 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
LEDS ALARMS & SWITCHES
LED Indicators
LINE POWER (green), INVERTER MODE (yellow), OVERLOAD (red), REPLACE BATTERY (red)
Audible Alarm
Audible alarm indicates power failure and overload conditions
Alarm Cancel Operation
Power-fail alarm can be silenced during a power failure using alarm-cancel switch; alarm can be permanently
disabled via PowerAlert software interface
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
252
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.75 x 5.25 x 7.5
UPS Power Module Dimensions
(hwd, cm)
27.3 x 13.3 x 19.1
UPS Power Module Weight (lbs.)
14.6
UPS Power Module Weight (kg)
6.6
UPS Shipping Dimensions (hwd / in.)
14 x 10.5 x 8.25
UPS Shipping Dimensions (hwd /
cm)
35.6 x 26.7 x 21
Shipping Weight (lbs.)
15.7
Shipping Weight (kg)
7.1
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
3 / 5


유사한 부품 번호 - BC600SINE_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
BC600SINE TRIPPLITE-BC600SINE Datasheet
513Kb / 5P
   Tripp Lite 600VA Sine Wave Tower UPS
More results

유사한 설명 - BC600SINE_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
BC600SINE TRIPPLITE-BC600SINE Datasheet
513Kb / 5P
   Tripp Lite 600VA Sine Wave Tower UPS
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
   BC Personal 300VA Tower Standby 120V UPS
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com