전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2275 데이터시트(PDF) 9 Page - Analog Devices

부품명 SSM2275
상세설명  Rail-to-Rail Output Audio Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2275 데이터시트(HTML) 9 Page - Analog Devices

Back Button SSM2275_15 Datasheet HTML 5Page - Analog Devices SSM2275_15 Datasheet HTML 6Page - Analog Devices SSM2275_15 Datasheet HTML 7Page - Analog Devices SSM2275_15 Datasheet HTML 8Page - Analog Devices SSM2275_15 Datasheet HTML 9Page - Analog Devices SSM2275_15 Datasheet HTML 10Page - Analog Devices SSM2275_15 Datasheet HTML 11Page - Analog Devices SSM2275_15 Datasheet HTML 12Page - Analog Devices SSM2275_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSM2275/SSM2475
REV. 0
–9–
input transistors, Q1 and Q2, when very large differential volt-
ages are applied. If the device’s differential voltage could exceed
±7 V, then the input current should be limited to less than
±5 mA. This can be easily done by placing a resistor in series
with both inputs. The minimum value of the resistor can be
determined by:
R
V
IN
DIFF MAX
=
,
.
7
001
(1)
There are also ESD protection diodes that are connected from
each input to each power supply rail. These diodes are normally
reversed biased, but will turn on if either input voltage exceeds
either supply rail by more than 0.6 V. Again, should this condi-
tion occur the input current should be limited to less than
±5 mA. The minimum resistor value should then be:
R
V
mA
IN
IN MAX
=
,
5
(2)
In practice, RIN should be placed in series with both inputs to
reduce offset voltages caused by input bias current. This is
shown in Figure 28.
+
RIN
RIN
V+
V–
Figure 28. Using Resistors for Input Overcurrent Protection
Output Voltage Phase Reversal
The SSM2275/SSM2475 was designed to have a wide common-
mode range and is immune to output voltage phase reversal with
an input voltage within the supply voltages of the device. How-
ever, if either of the device’s inputs exceeds 0.6 V above the posi-
THEORY OF OPERATION
The SSM2275 and SSM2475 are low noise and low distortion
rail-to-rail output amplifiers that are excellent for audio applica-
tions. Based on the OP275 audiophile amplifier, the SSM2275/
SSM2475 offers many similar performance characteristics with
the advantage of a rail-to-rail output from a single supply
source. Its low input voltage noise figure of 7 nV/
√Hz allows the
device to be used in applications requiring high gain, such as
microphone preamplifiers. Its 11 V/
µs slew rate also allows the
SSM2275/SSM2475 to produce wide output voltage swings
while maintaining low distortion. In addition, its low harmonic
distortion figure of 0.0006% makes the SSM2275 and
SSM2475 ideal for high quality audio applications.
Figure 27 shows the simplified schematic for a single amplifier.
The amplifier contains a Butler Amplifier at the input. This
front-end design uses both bipolar and MOSFET transistors in
the differential input stage. The bipolar devices, Q1 and Q2,
improve the offset voltage and achieve the low noise perfor-
mance, while the MOS devices, M1 and M2, are used to obtain
higher slew rates. The bipolar differential pair is biased with a
proportional-to-absolute-temperature (PTAT) bias source, IB1,
while the MOS differential pair is biased with a non-PTAT
source, IB2. This results in the amplifier having a constant gain-
bandwidth product and a constant slew rate over temperature.
The amplifier also contains a rail-to-rail output stage that can
sink or source up to 50 mA of current. As with any rail-to-rail
output amplifier the gain of the output stage, and consequently
the open loop gain of the amplifier, is proportional to the load
resistance. With a load resistance of 50 k
Ω, the dc gain of the
amplifier is over 110 dB. At load currents less than 1 mA, the
output of the amplifier can swing to within 30 mV of either sup-
ply rail. As load current increases, the maximum voltage swing
of the output will decrease. This is due to the collector to emit-
ter saturation voltage of the output transistors increasing with an
increasing collector current.
Input Overvoltage Protection
The maximum input differential voltage that can be applied to
the SSM2275/SSM2475 is
±7 V. A pair of internal back-to-back
Zener diodes are connected across the input terminals. This
prevents emitter-base junction breakdown from occurring to the
IN–
IN+
Q1
Q2
M2
M1
IB2
IB1
CF1
VCC
VEE
OUT
Figure 27. Simplified Schematic
OBSOLETE


유사한 부품 번호 - SSM2275_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2275P AD-SSM2275P Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
SSM2275RM AD-SSM2275RM Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
SSM2275S AD-SSM2275S Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
More results

유사한 설명 - SSM2275_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2275 AD-SSM2275 Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com