전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2304 데이터시트(PDF) 1 Page - Analog Devices

부품명 SSM2304
상세설명  2 W Filterless Class-D Stereo Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2304 데이터시트(HTML) 1 Page - Analog Devices

  SSM2304_15 Datasheet HTML 1Page - Analog Devices SSM2304_15 Datasheet HTML 2Page - Analog Devices SSM2304_15 Datasheet HTML 3Page - Analog Devices SSM2304_15 Datasheet HTML 4Page - Analog Devices SSM2304_15 Datasheet HTML 5Page - Analog Devices SSM2304_15 Datasheet HTML 6Page - Analog Devices SSM2304_15 Datasheet HTML 7Page - Analog Devices SSM2304_15 Datasheet HTML 8Page - Analog Devices SSM2304_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2 W Filterless Class-D
Stereo Audio Amplifier
SSM2304
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with built-in output stage
2 W into 4 Ω and 1.4 W into 8 Ω at 5.0 V supply with <10% THD
85% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
Better than 98 dB SNR (signal-to-noise ratio)
Available in 16-lead, 3 mm × 3 mm LFCSP
Single-supply operation from 2.5 V to 5.0 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Pop-and-click suppression
Built-in resistors reduce board component count
Default fixed 18 dB gain and user-adjustable
APPLICATIONS
Notebooks and PCs
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2304 is a fully integrated, high efficiency, Class-D stereo
audio amplifier. It is designed to maximize performance for
portable applications. The application circuit requires a mini-
mum of external components and operates from a single 2.5 V
to 5.0 V supply. It is capable of delivering 2 W of continuous
output power with less than 10% THD + N driving a 4 Ω load
from a 5.0 V supply.
The SSM2304 features a high efficiency, low noise modulation
scheme. It operates with 85% efficiency at 1.4 W into 8 Ω from a
5.0 V supply and has a signal-to-noise ratio (SNR) that is better
than 98 dB. PDM modulation is used to provide lower EMI-
radiated emissions compared with other Class-D architectures.
The SSM2304 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying a
logic low to the SD pin.
The architecture of the device allows it to achieve a very low level
of pop and click. This minimizes voltage glitches at the output
during turn-on and turn-off, thus reducing audible noise on
activation and deactivation.
The fully differential input of the SSM2304 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The SSM2304 also has excellent rejection of power supply noise,
including noise caused by GSM transmission bursts and RF
rectification.
The SSM2304 has a preset gain of 18 dB, which can be reduced
by using external resistors.
The SSM2304 is specified over the commercial temperature range
(−40°C to +85°C). It has built-in thermal shutdown and output
short-circuit protection. It is available in a 16-lead, 3 mm × 3 mm
lead-frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
FET
DRIVER
MODULATOR
0.1µF
VDD
VDD
INTERNAL
OSCILLATOR
OUTR+
OUTR–
OUTL+
OUTL–
BIAS
FET
DRIVER
MODULATOR
INR+
VBATT
2.5V TO 5.0V
INR–
SHUTDOWN
INL+
INL–
GND
GND
10µF
22nF1
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
22nF1
300kΩ
300kΩ
GAIN = 300kΩ/(47kΩ + Rext)
47kΩ
47kΩ
47kΩ
47kΩ
Rext
Rext
Rext
Rext
300kΩ
300kΩ
22nF1
22nF1
SD
LEFT IN+
LEFT IN–
RIGHT IN–
RIGHT IN+
SSM2304
Figure 1.


유사한 부품 번호 - SSM2304_15

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM2304AGN SSC-SSM2304AGN Datasheet
256Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
SSM2304AGN VBSEMI-SSM2304AGN Datasheet
490Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Devices
SSM2304CPZ-REEL AD-SSM2304CPZ-REEL Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2304CPZ-REEL7 AD-SSM2304CPZ-REEL7 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
logo
Silicon Standard Corp.
SSM2304N SSC-SSM2304N Datasheet
151Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

유사한 설명 - SSM2304_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
   Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com