전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N173 데이터시트(PDF) 1 Page - Calogic, LLC

부품명 3N173
상세설명  Diode Protected P-Channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALOGIC [Calogic, LLC]
홈페이지  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N173 데이터시트(HTML) 1 Page - Calogic, LLC

  3N173 Datasheet HTML 1Page - Calogic, LLC 3N173 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diode Protected P-Channel
Enhancement Mode MOSFET
General Purpose Amplifier/Switch
3N172 / 3N173
FEATURES
•• High Input Impedance
•• Diode Protected Gate
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain-Source or Drain-Gate Voltage
3N172. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
3N173. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Gate Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µA
Gate Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Storage Temperature . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 3.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
3N172-73
Hermetic TO-72
-55
oC to +150oC
X3N172-73
Sorted Chips in Carriers
-55
oC to +150oC
LLC
PIN CONFIGURATION
TO-72
G
D
S
C,B
1503Z
DEVICE SCHEMATIC
1
2
0200
3
4
ELECTRICAL CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
3N172
3N173
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
IGSS
Gate Reverse Current
-200
-500
pA
VGS = -20V
-0.5
-1.0
µA
TA = +125
oC
BVGSS
Gate Breakdown Voltage
-40
-125
-30
-125
V
ID = -10
µA
BVDSS
Drain-Source Breakdown Voltage
-40
-30
ID = -10
µA
BVSDS
Source-Drain Breakdown Voltage
-40
-30
IS = -10
µA, VDB = 0
VGS(th)
Threshold Voltage
-2.0
-5.0
-2.0
-5.0
VDS = VGS, ID = -10
µA
-2.0
-5.0
-2.0
-5.0
VDS = -15V, ID = -10
µA
VGS
Gate Source Voltage
-3.0
-6.5
-2.5
-6.5
VDS = -15V, ID = -500
µA
IDSS
Zero Gate Voltage Drain Current
-0.4
-10
nA
VDS = -15V, VGS = 0
ISDS
Zero Gate Voltage Source Current
-0.4
-10
VSD = -15V, VDB = 0, VGD = 0
rDS(on)
Drain Source On Resistance
250
350
ohms
VGS = -20V, ID = -100
µA
ID(on)
On Drain Current
-5.0
-30
-5.0
-30
mA
VDS = -15V, VGS = -10V
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS020 REV A


유사한 부품 번호 - 3N173

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
3N173 CALOGIC-3N173 Datasheet
33Kb / 2P
   Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
logo
Intersil Corporation
3N173 INTERSIL-3N173 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N173 NJSEMI-3N173 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
More results

유사한 설명 - 3N173

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
3N161 CALOGIC-3N161_15 Datasheet
29Kb / 1P
   Diode Protected P-Channel Enhancement Mode MOSFET
logo
Intersil Corporation
3N161 INTERSIL-3N161 Datasheet
43Kb / 1P
   DIODE PROTECTED P-CHANNEL ENGANCEMENT MODE MOSFET GENERAL PUROPSE AMPLIFIER/SWITCH
logo
Calogic, LLC
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
   Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
logo
Pan Jit International I...
PJA3433 PANJIT-PJA3433 Datasheet
293Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
   20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com